Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM150N150HD Datasheet (PDF) - Rectron Semiconductor

RM150N150HD Datasheet PDF - Rectron Semiconductor
Part # RM150N150HD
Download  RM150N150HD Download
File Size   362.85 Kbytes
Page   9 Pages
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor
Description N-Channel Super Trench Power MOSFET

RM150N150HD Datasheet (PDF)

Go To PDF Page Download Datasheet
RM150N150HD Datasheet PDF - Rectron Semiconductor

Part # RM150N150HD
Download  RM150N150HD Click to download

File Size   362.85 Kbytes
Page   9 Pages
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor
Description N-Channel Super Trench Power MOSFET

RM150N150HD Datasheet (HTML) - Rectron Semiconductor


RM150N150HD Product details

General Features
VDS =150V,ID =150A
RDS(ON) <7.2m @ VGS=10V
Excellent gate charge x RDS(on) product(FOM)
Very low on-resistance RDS(on)
175 °C operating temperature
Pb-free lead plating
100% UIS tested




Similar Part No. - RM150N150HD

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RM150N100ADF RECTRON-RM150N100ADF Datasheet
422Kb / 7P
N-Channel Super Trench Power MOSFET
2023-08/69 REV:A
RM150N100AHD RECTRON-RM150N100AHD Datasheet
498Kb / 7P
N-Channel Super Trench Power MOSFET
2019-01/15 REV:O
RM150N100AT2 RECTRON-RM150N100AT2 Datasheet
380Kb / 8P
N-Channel Super Trench Power MOSFET
2018-12/15 REV:O
RM150N100HD RECTRON-RM150N100HD Datasheet
276Kb / 9P
N-Channel Super Trench Power MOSFET
2018-11/15 REV:A
RM150N100T2 RECTRON-RM150N100T2 Datasheet
242Kb / 9P
N-Channel Super Trench Power MOSFET
2018-11/15 REV:A
More results


Similar Description - RM150N150HD

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RM185N30DF RECTRON-RM185N30DF Datasheet
245Kb / 6P
N-Channel Super Trench Power MOSFET
logo
Shenzhen Foster Semicon...
FIR150N10PG FOSTER-FIR150N10PG Datasheet
1Mb / 7P
N-Channel Super Trench Power MOSFET
logo
Shenzhen Huazhimei Semi...
HMS20N15K HMSEMI-HMS20N15K Datasheet
500Kb / 7P
N-Channel Super Trench Power MOSFET
HMS4296B HMSEMI-HMS4296B Datasheet
489Kb / 6P
N-Channel Super Trench Power MOSFET
HMS150N06D HMSEMI-HMS150N06D Datasheet
596Kb / 7P
N-Channel Super Trench Power MOSFET
HMS110N15 HMSEMI-HMS110N15 Datasheet
527Kb / 7P
N-Channel Super Trench Power MOSFET
HMS65N03Q HMSEMI-HMS65N03Q Datasheet
524Kb / 5P
N-Channel Super Trench Power MOSFET
HMS80N15 HMSEMI-HMS80N15 Datasheet
615Kb / 6P
N-Channel Super Trench Power MOSFET
HMS4240 HMSEMI-HMS4240 Datasheet
733Kb / 7P
N-Channel Super Trench Power MOSFET
logo
Shanghai Leiditech Elec...
LMPC100N20 LEIDITECH-LMPC100N20 Datasheet
770Kb / 6P
N-Channel Super Trench Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com