Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM16P60LD Datasheet (PDF) - Rectron Semiconductor

RM16P60LD Datasheet PDF - Rectron Semiconductor
Part # RM16P60LD
Download  RM16P60LD Download
File Size   236.79 Kbytes
Page   7 Pages
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor
Description 60V P-Channel MOSFETs

RM16P60LD Datasheet (PDF)

Go To PDF Page Download Datasheet
RM16P60LD Datasheet PDF - Rectron Semiconductor

Part # RM16P60LD
Download  RM16P60LD Click to download

File Size   236.79 Kbytes
Page   7 Pages
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor
Description 60V P-Channel MOSFETs

RM16P60LD Datasheet (HTML) - Rectron Semiconductor


RM16P60LD Product details

Features
-60V,-16A, RDS(ON) =48mΩ VGS=-10V
Improved dv/dt capability
Fast switching
100% EAS Guaranteed
Green Device Available




Similar Part No. - RM16P60LD

ManufacturerPart #DatasheetDescription
logo
RAYEX ELECTRONICS CO., ...
RM16-L1A110 RAYEX-RM16-L1A110 Datasheet
540Kb / 1P
RM SERIES RELAY MODULE
RM16-L1D12 RAYEX-RM16-L1D12 Datasheet
540Kb / 1P
RM SERIES RELAY MODULE
RM16-L1D24 RAYEX-RM16-L1D24 Datasheet
540Kb / 1P
RM SERIES RELAY MODULE
RM16-L2A110 RAYEX-RM16-L2A110 Datasheet
540Kb / 1P
RM SERIES RELAY MODULE
RM16-L2D12 RAYEX-RM16-L2D12 Datasheet
540Kb / 1P
RM SERIES RELAY MODULE
More results


Similar Description - RM16P60LD

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MS69P05 BWTECH-MS69P05 Datasheet
644Kb / 6P
60V P-Channel MOSFETs
logo
First Silicon Co., Ltd
FTK2P7002S FS-FTK2P7002S Datasheet
1Mb / 5P
60V P-Channel MOSFETs
FTK6903 FS-FTK6903 Datasheet
783Kb / 5P
60V P-Channel MOSFETs
FTK6903D FS-FTK6903D Datasheet
808Kb / 5P
60V P-Channel MOSFETs
FTK6905P FS-FTK6905P Datasheet
973Kb / 5P
60V P-Channel MOSFETs
FTK6907 FS-FTK6907 Datasheet
1Mb / 5P
60V P-Channel MOSFETs
FTK6907Z FS-FTK6907Z Datasheet
997Kb / 5P
60V P-Channel MOSFETs
FTK6911 FS-FTK6911 Datasheet
923Kb / 5P
60V P-Channel MOSFETs
FTK6965AP FS-FTK6965AP Datasheet
1Mb / 5P
60V P-Channel MOSFETs
FTK6901D FS-FTK6901D Datasheet
1,004Kb / 5P
60V P-Channel MOSFETs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com