Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLR8743 Datasheet (PDF) - EVER SEMICONDUCTOR CO.,LIMITED

IRLR8743 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED
Part # IRLR8743
Download  IRLR8743 Download
File Size   1111.15 Kbytes
Page   6 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description 30V N-Channel Power

IRLR8743 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRLR8743 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED

Part # IRLR8743
Download  IRLR8743 Click to download

File Size   1111.15 Kbytes
Page   6 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description 30V N-Channel Power

IRLR8743 Datasheet (HTML) - EVER SEMICONDUCTOR CO.,LIMITED


IRLR8743 Product details

Features
VDS = 30V,ID =90A
RDS(ON),3.8 mΩ(Typ) @ VGS =10V
RDS(ON), 6.4mΩ(Typ) @ VGS =4.5V
Low on resistance
Low gate charge
Fast switching
Low reverse transfer capacitances




Similar Part No. - IRLR8743

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRLR8743 KERSEMI-IRLR8743 Datasheet
1Mb / 11P
High Frequency Synchronous Buck Converters for Computer Processor Power
logo
Inchange Semiconductor ...
IRLR8743 ISC-IRLR8743 Datasheet
336Kb / 2P
N-Channel MOSFET Transistor
IRLR8743 ISC-IRLR8743 Datasheet
248Kb / 2P
Isc N-Channel MOSFET Transistor
logo
International Rectifier
IRLR8743PBF IRF-IRLR8743PBF Datasheet
369Kb / 11P
HEXFET짰Power MOSFET
IRLR8743PBF IRF-IRLR8743PBF Datasheet
374Kb / 11P
Ultra-Low Gate Impedance
More results


Similar Description - IRLR8743

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AHK6030LX ANALOGICTECH-AHK6030LX Datasheet
244Kb / 4P
30V N-Channel Power MOSFET
AAT9460 ANALOGICTECH-AAT9460 Datasheet
145Kb / 6P
30V N-Channel Power MOSFET
AAT9060 ANALOGICTECH-AAT9060 Datasheet
141Kb / 6P
30V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM15N03PQ33 TSC-TSM15N03PQ33 Datasheet
107Kb / 4P
30V N-Channel Power MOSFET
TSM040N03CP TSC-TSM040N03CP Datasheet
370Kb / 5P
30V N-Channel Power MOSFET
TSM042N03CS TSC-TSM042N03CS Datasheet
275Kb / 5P
30V N-Channel Power MOSFET
TSM60N03 TSC-TSM60N03_15 Datasheet
303Kb / 4P
30V N-Channel Power MOSFET
TSM180N03CS TSC-TSM180N03CS Datasheet
325Kb / 5P
30V N-Channel Power MOSFET
logo
Guangdong Youtai Semico...
100N03A UMW-100N03A Datasheet
910Kb / 6P
30V N-Channel Power
30N03A UMW-30N03A Datasheet
931Kb / 6P
30V N-Channel Power
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com