Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NDS331N Datasheet (PDF) - EVER SEMICONDUCTOR CO.,LIMITED

NDS331N Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED
Part # NDS331N
Download  NDS331N Download
File Size   1457.25 Kbytes
Page   5 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description N-Channel Enhancement Mode MOSFET

NDS331N Datasheet (PDF)

Go To PDF Page Download Datasheet
NDS331N Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED

Part # NDS331N
Download  NDS331N Click to download

File Size   1457.25 Kbytes
Page   5 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description N-Channel Enhancement Mode MOSFET

NDS331N Datasheet (HTML) - EVER SEMICONDUCTOR CO.,LIMITED


NDS331N Product details

General Features
VDS = 20V ID =2.3 A
RDS(ON) < 60mΩ@ VGS=4.5V




Similar Part No. - NDS331N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NDS331N FAIRCHILD-NDS331N Datasheet
59Kb / 6P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
ON Semiconductor
NDS331N ONSEMI-NDS331N Datasheet
280Kb / 9P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
May, 2021 ??Rev. 7
logo
VBsemi Electronics Co.,...
NDS331N-NL VBSEMI-NDS331N-NL Datasheet
1Mb / 9P
N-Channel 20 V (D-S) MOSFET
More results


Similar Description - NDS331N

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN8080 SYNC-POWER-SPN8080 Datasheet
239Kb / 10P
N-Channel Enhancement Mode MOSFET
SPN9507 SYNC-POWER-SPN9507 Datasheet
237Kb / 9P
N-Channel Enhancement Mode MOSFET
SPN9971 SYNC-POWER-SPN9971 Datasheet
269Kb / 10P
N-Channel Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com