Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTD24N06 Datasheet (PDF) - EVER SEMICONDUCTOR CO.,LIMITED

NTD24N06 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED
Part # NTD24N06
Download  NTD24N06 Download
File Size   432.93 Kbytes
Page   6 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description Trans MOSFET N-CH 60V 24A 3-Pin(2Tab) DPAK T/R

NTD24N06 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTD24N06 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED

Part # NTD24N06
Download  NTD24N06 Click to download

File Size   432.93 Kbytes
Page   6 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description Trans MOSFET N-CH 60V 24A 3-Pin(2Tab) DPAK T/R

NTD24N06 Datasheet (HTML) - EVER SEMICONDUCTOR CO.,LIMITED


NTD24N06 Product details

FEATURES
VDS (V) = 60V
ID= 35A (VGS=10V)
RDS(ON) < 25mΩ (VGS =10V)
RDS(ON) < 30mΩ (VGS = 4.5V)




Similar Part No. - NTD24N06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD24N06 ONSEMI-NTD24N06 Datasheet
125Kb / 8P
Power MOSFET 60 V, 24 A, N-Channel DPAK
January, 2005 ??Rev. 3
NTD24N06 ONSEMI-NTD24N06 Datasheet
75Kb / 8P
Power MOSFET 60 Volt, 24 Amp N?묬hannel DPAK
August, 2005 ??Rev. 4
NTD24N06 ONSEMI-NTD24N06 Datasheet
86Kb / 8P
Power MOSFET 60 Volt, 24 Amp
August, 2005 ??Rev. 4
NTD24N06 ONSEMI-NTD24N06 Datasheet
126Kb / 8P
Power MOSFET
September, 2014 ??Rev. 5
logo
Guangdong Youtai Semico...
NTD24N06 UMW-NTD24N06 Datasheet
413Kb / 6P
TrenchFET® Power MOSFET
More results


Similar Description - NTD24N06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD20NF06 STMICROELECTRONICS-STD20NF06 Datasheet
342Kb / 13P
N-CHANNEL 60V - 0.032OHM - 24A DPAK STripFET™ II POWER MOSFET
20-Feb-2007
logo
Zetex Semiconductors
ZXMN6A09K ZETEX-ZXMN6A09K Datasheet
214Kb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET IN DPAK
logo
STMicroelectronics
STD16NF06L STMICROELECTRONICS-STD16NF06L Datasheet
442Kb / 11P
N-channel 60V - 0.060 - 24A - DPAK/IPAK STripFET II Power MOSFET
10-Jan-2006
STD20NF06L STMICROELECTRONICS-STD20NF06L Datasheet
416Kb / 14P
N-channel 60V - 0.032OHM - 24A - DPAK - IPAK STripFET II Power MOSFET
03-Jul-2006
logo
Zetex Semiconductors
ZXMN6A25K ZETEX-ZXMN6A25K Datasheet
802Kb / 8P
60V DPAK N-channel enhancement mode MOSFET
ZXMN6A09K ZETEX-ZXMN6A09K_07 Datasheet
617Kb / 8P
60V N-channel enhancement mode MOSFET in DPAK
logo
STMicroelectronics
STD16NF06L STMICROELECTRONICS-STD16NF06L_07 Datasheet
362Kb / 14P
N-channel 60V - 0.060Ω - 24A - DPAK/IPAK STripFET??II Power MOSFET
19-Feb-2007
logo
Diodes Incorporated
ZXMN6A25K DIODES-ZXMN6A25K Datasheet
813Kb / 8P
60V DPAK N-channel enhancement mode MOSFET
Rev erse
logo
STMicroelectronics
STD20NF06LT4 STMICROELECTRONICS-STD20NF06LT4 Datasheet
420Kb / 14P
N-channel 60V - 0.032廓 - 24A - DPAK - IPAK STripFET??II Power MOSFET
03-Jul-2006
logo
MacMic
MMN400A006U1 MACMIC-MMN400A006U1 Datasheet
756Kb / 5P
60V 400A N-ch Power MOSFET Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com