Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLS120J080A Datasheet (PDF) - Sanan Semiconductor Co., Ltd.

SLS120J080A Datasheet PDF - Sanan Semiconductor Co., Ltd.
Part # SLS120J080A
Download  SLS120J080A Download
File Size   697.35 Kbytes
Page   9 Pages
Manufacturer  SANAN [Sanan Semiconductor Co., Ltd.]
Direct Link  https://www.sanan-semiconductor.com/en
Logo SANAN - Sanan Semiconductor Co., Ltd.
Description 3rd Generation 1200V/80A SiC Schottky Barrier Diode

SLS120J080A Datasheet (PDF)

Go To PDF Page Download Datasheet
SLS120J080A Datasheet PDF - Sanan Semiconductor Co., Ltd.

Part # SLS120J080A
Download  SLS120J080A Click to download

File Size   697.35 Kbytes
Page   9 Pages
Manufacturer  SANAN [Sanan Semiconductor Co., Ltd.]
Direct Link  https://www.sanan-semiconductor.com/en
Logo SANAN - Sanan Semiconductor Co., Ltd.
Description 3rd Generation 1200V/80A SiC Schottky Barrier Diode

SLS120J080A Datasheet (HTML) - Sanan Semiconductor Co., Ltd.


SLS120J080A Product details

Zero Reverse Recovery Current
Ceramic Package Provides 2.5kV Isolation
Positive temperat ure coefficient
Temperature independent performance
High speed switching
Low switching loss
Low heat dissipation requirements
RoHS compliant




Similar Part No. - SLS120J080A

ManufacturerPart #DatasheetDescription
logo
Sanan Semiconductor Co....
SLS120J060A SANAN-SLS120J060A Datasheet
663Kb / 9P
3rd Generation 1700V/25A SiC Schottky Barrier Diode
2023.10
More results


Similar Description - SLS120J080A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDD04SG60C INFINEON-IDD04SG60C Datasheet
279Kb / 7P
3rd Generation thinQ!TM SiC Schottky Diode
Rev. 2.0 2010-03-19
IDD05SG60C INFINEON-IDD05SG60C Datasheet
278Kb / 7P
3rd Generation thinQ!TM SiC Schottky Diode
Rev. 2.0 2010-03-19
IDD06SG60C INFINEON-IDD06SG60C Datasheet
274Kb / 7P
3rd Generation thinQ!TM SiC Schottky Diode
Rev. 2.0 2010-03-19
IDD12SG60C INFINEON-IDD12SG60C Datasheet
297Kb / 7P
3rd Generation thinQ!TM SiC Schottky Diode
Rev. 2.0 2010-03-19
IDH03SG60C INFINEON-IDH03SG60C Datasheet
242Kb / 7P
3rd Generation thinQ!TM SiC Schottky Diode
Rev. 2.2 2009-08-04
IDH06SG60C INFINEON-IDH06SG60C Datasheet
234Kb / 7P
3rd Generation thinQ!TM SiC Schottky Diode
Rev. 2.3 2009-08-04
IDH09SG60C INFINEON-IDH09SG60C Datasheet
236Kb / 7P
3rd Generation thinQ!TM SiC Schottky Diode
Rev. 2.3 2009-08-04
IDH09SG60C INFINEON-IDH09SG60C_13 Datasheet
553Kb / 7P
3rd Generation thinQ!TM SiC Schottky Diode
Rev. 2.3 2013-02-11
IDH04SG60C INFINEON-IDH04SG60C_12 Datasheet
550Kb / 7P
3rd Generation thinQ!TM SiC Schottky Diode
Rev. 2.4 2012-12-12
IDD12SG60C INFINEON-IDD12SG60C_12 Datasheet
243Kb / 7P
3rd Generation thinQ!TM SiC Schottky Diode
Rev. 2.4 2012-12-12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com