Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3831 Datasheet (PDF) - EPCOS

B3831 Datasheet PDF - EPCOS
Part # B3831
Download  B3831 Download
File Size   77.69 Kbytes
Page   6 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Components Low-loss Filter 150,0 MHz

B3831 Datasheet (PDF)

Go To PDF Page Download Datasheet
B3831 Datasheet PDF - EPCOS

Part # B3831
Download  B3831 Click to download

File Size   77.69 Kbytes
Page   6 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Components Low-loss Filter 150,0 MHz

B3831 Datasheet (HTML) - EPCOS


B3831 Product details

Features
■ Low-loss IF filter for CDMA base station
■ Temperature stable
■ Ceramic SMD package
■ Unbalanced or balanced operation




Similar Part No. - B3831

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3830 EPCOS-B3830 Datasheet
71Kb / 7P
SAW Components Low-loss Filter 395,0 MHz
B3832 EPCOS-B3832 Datasheet
54Kb / 5P
SAW Components Low-Loss Filter 1747,5 MHz
B3834 EPCOS-B3834 Datasheet
61Kb / 7P
SAW Components Low-Loss Filter 390,0 MHz
B3835 EPCOS-B3835 Datasheet
64Kb / 6P
Low-Loss Filter for Mobile Communication
B3836 EPCOS-B3836 Datasheet
87Kb / 8P
SAW Components Low-Loss Filter for Mobile Communication 815.50 MHz
More results


Similar Description - B3831

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3588 EPCOS-B3588 Datasheet
61Kb / 5P
SAW Components Low-loss Filter 915,00 MHz
B3607 EPCOS-B3607 Datasheet
71Kb / 6P
SAW Components Low-loss Filter 140,00 MHz
B3640 EPCOS-B3640 Datasheet
72Kb / 6P
SAW Components Low-loss Filter 238,0 MHz
B3665 EPCOS-B3665 Datasheet
69Kb / 6P
SAW Components Low-loss Filter 380,00 MHz
B3666 EPCOS-B3666 Datasheet
65Kb / 6P
SAW Components Low-loss Filter 82,20 MHz
B3671 EPCOS-B3671 Datasheet
67Kb / 6P
SAW Components Low-Loss Filter 204,0 MHz
B3683 EPCOS-B3683 Datasheet
58Kb / 6P
SAW Components Low-Loss Filter 382,5 MHz
B3688 EPCOS-B3688 Datasheet
72Kb / 5P
SAW Components Low-Loss Filter 499,25 MHz
B3853 EPCOS-B3853 Datasheet
85Kb / 7P
SAW Components Low-Loss Filter Low-Loss Filter 141,0 MHz
B3869 EPCOS-B3869 Datasheet
68Kb / 6P
SAW Components Low-Loss Filter 150,0 MHz
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com