Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7720 Datasheet (PDF) - Monolithic Power Systems

MP7720 Datasheet PDF - Monolithic Power Systems
Part # MP7720
Download  MP7720 Download
File Size   338.6 Kbytes
Page   11 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 20W Class D Mono Single Ended Audio Amplifer

MP7720 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP7720 Datasheet PDF - Monolithic Power Systems

Part # MP7720
Download  MP7720 Click to download

File Size   338.6 Kbytes
Page   11 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 20W Class D Mono Single Ended Audio Amplifer

MP7720 Datasheet (HTML) - Monolithic Power Systems


MP7720 Product details

DESCRIPTION
The MP7720 is a mono 20W Class D Audio Amplifier. It is one of MPS’ second generation of fully integrated audio amplifiers which dramatically reduces solution size by integrating the following:
    180mΩ power MOSFETs
    Startup / Shutdown pop elimination
    Short circuit protection circuits
    Mute / Standby

FEATURES
• 20W Output at VDD = 24V into a 4Ω load
• THD+N = 0.04% at 1W, 8Ω
• 93% Efficiency at 20W
• Low Noise (190µV Typical)
• Switching Frequency Up to 1MHz
• 9.5V to 24V Operation from a Single Supply
• Integrated Startup and Shutdown Pop Elimination Circuit
• Thermal Protection
• Integrated 180mΩ Switches
• Mute/Standby Modes (Sleep)
• Available in Tiny 8-Pin SOIC and PDIP Packages

APPLICATIONS
• Surround Sound DVD Systems
• Televisions
• Flat Panel Monitors
• Multimedia Computers
• Home Stereo Systems




Similar Part No. - MP7720

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP7720 ETC-MP7720 Datasheet
98Kb / 1P
3M Multimedia-Projektor
logo
Monolithic Power System...
MP7720DS MPS-MP7720DS Datasheet
519Kb / 6P
20W Stereo Class D Single Ended Audio Amplifier
MP7720DS MPS-MP7720DS Datasheet
281Kb / 6P
Mini 20W Stereo Class D Single Ended Audio Amplifier
MP7720DS MPS-MP7720DS Datasheet
628Kb / 11P
150W Class D 5.1 Channel Audio Board
MP7720DS MPS-MP7720DS Datasheet
403Kb / 7P
20W Stereo Class D Single Ended Audio Amplifier Evaluation Board
More results


Similar Description - MP7720

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV0030 MPS-EV0030 Datasheet
519Kb / 6P
20W Stereo Class D Single Ended Audio Amplifier
EV7722DF-00C MPS-EV7722DF-00C Datasheet
526Kb / 8P
20W Stereo Class D Single Ended Audio Amplifier
MP7722 MPS-MP7722 Datasheet
410Kb / 11P
2 x 20W Class D Stereo Single Ended Audio Amplifer
MP7740 MPS-MP7740 Datasheet
457Kb / 12P
15W Class D Mono Single Ended Audio Amplifer
MP7741 MPS-MP7741 Datasheet
507Kb / 14P
10W Class D Mono Single Ended Audio Amplifer
MP7742 MPS-MP7742 Datasheet
455Kb / 13P
2 x 15W Class D Stereo Single Ended Audio Amplifer
MP7745 MPS-MP7745 Datasheet
705Kb / 13P
2 x 20W Class D Stereo Single Ended Audio Amplifer
MP7747 MPS-MP7747 Datasheet
656Kb / 14P
20W Class D Mono Single Ended Audio Amplifier
logo
Diodes Incorporated
PAM8320 DIODES-PAM8320 Datasheet
640Kb / 11P
20W Mono Class D Audio Amplifier
Rev 1
logo
Monolithic Power System...
MP7721 MPS-MP7721 Datasheet
369Kb / 10P
2 x 10W Class D Stereo Single Ended Audio Amplifer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com