Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA900 Datasheet (PDF) - NXP Semiconductors

SA900 Datasheet PDF - NXP Semiconductors
Part # SA900
Download  SA900 Download
File Size   173.31 Kbytes
Page   20 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description I/Q transmit modulator

SA900 Datasheet (PDF)

Go To PDF Page Download Datasheet
SA900 Datasheet PDF - NXP Semiconductors

Part # SA900
Download  SA900 Click to download

File Size   173.31 Kbytes
Page   20 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description I/Q transmit modulator

SA900 Datasheet (HTML) - NXP Semiconductors


SA900 Product details

DESCRIPTION
The SA900 is a monolithic high performance, multi-function transmit modulator for use in cellular radio applications, fabricated in QUBiC BiCMOS technology. The SA900 features both analog (AMPS) mode and complex, I/Q digital (NADC IS–136) mode quadrature modulation functions, a PLL synthesizer with VCO, crystal oscillator, programmable prescalers and Gilbert cell multiplier phase detector with programmable charge pump output. The DUALTX output can be used in DUAL mode cellular phone applications with the AMPS and NADC modulation being applied to the I/Q baseband inputs. The DUALTX output also provides 6-bit power control with 40dB of gain control in 0.63dB steps. In addition, buffered crystal oscillator programmable prescaler outputs are provided to support system clock reference needs. Programming of the SA900 functions are realized by a high speed 3-wire serial interface. The SA900 can be programmed into a sleep mode (low current mode providing crystal oscillator and Master Clock functions), a standby mode (providing crystal oscillator, Master Clock, System Clock 1 and Transmit LO buffer functions), and the AMPS mode and the DUAL mode configurations.

FEATURES
• VCC = 4.0V
• Tx output frequency = 900MHz
• Direct modulation of RF
• DUAL mode, on-chip PA control
• I/Q modulator
• Single sideband quadrature LO generation with no external
   adjustments required
• On-chip crystal oscillator with 3 buffered outputs
• AMPS/TACS compatible
• On-chip VCO
• Selective power-down
   – Low power AMPS/TACS mode
   – Low power dual mode NADC
• 48-Pin TQFP package

APPLICATIONS
• North American Digital Cellular (TDMA IS-136)




Similar Part No. - SA900

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
SA900(C)-G COMCHIP-SA900(C)-G Datasheet
145Kb / 7P
Axial Lead Transient Voltage Suppressor
SA900A(CA)-G COMCHIP-SA900A(CA)-G Datasheet
145Kb / 7P
Axial Lead Transient Voltage Suppressor
SA900A-HF COMCHIP-SA900A-HF Datasheet
381Kb / 6P
Axial Lead Transient Voltage Suppressor
SA900ACA-HF COMCHIP-SA900ACA-HF Datasheet
381Kb / 6P
Axial Lead Transient Voltage Suppressor
More results


Similar Description - SA900

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
JCIQ-176M MINI-JCIQ-176M Datasheet
162Kb / 1P
I&Q Modulator
logo
Merrimac Industries, In...
VMF-2E-160SQ MERRIMAC-VMF-2E-160SQ Datasheet
486Kb / 1P
I&Q MODULATOR
VMF-2E-340SQ MERRIMAC-VMF-2E-340SQ Datasheet
485Kb / 1P
I&Q MODULATOR
logo
M/A-COM Technology Solu...
MAMO-007252-IN2960 MA-COM-MAMO-007252-IN2960_15 Datasheet
61Kb / 2P
I/Q Modulator
MAMO-008665-ES0018 MA-COM-MAMO-008665-ES0018_15 Datasheet
129Kb / 2P
I/Q Modulator
logo
Mini-Circuits
JCIQ-88M MINI-JCIQ-88M Datasheet
286Kb / 1P
I&Q Modulator
MIQA-21M MINI-MIQA-21M Datasheet
170Kb / 1P
I&Q Modulator
MIQA-91M MINI-MIQA-91M Datasheet
188Kb / 1P
I&Q Modulator
logo
SYNERGY MICROWAVE CORPO...
SMP-2060 SYNERGY-SMP-2060 Datasheet
224Kb / 3P
I & Q MODULATOR
logo
Mini-Circuits
MIQA-100M MINI-MIQA-100M Datasheet
190Kb / 1P
I&Q Modulator
REV. D
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com