Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9025 Datasheet (PDF) - NXP Semiconductors

SA9025 Datasheet PDF - NXP Semiconductors
Part # SA9025
Download  SA9025 Download
File Size   134.99 Kbytes
Page   23 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 900 MHz transmit modulator and 2.2 GHz fractional-N synthesizer

SA9025 Datasheet (PDF)

Go To PDF Page Download Datasheet
SA9025 Datasheet PDF - NXP Semiconductors

Part # SA9025
Download  SA9025 Click to download

File Size   134.99 Kbytes
Page   23 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 900 MHz transmit modulator and 2.2 GHz fractional-N synthesizer

SA9025 Datasheet (HTML) - NXP Semiconductors


SA9025 Product details

DESCRIPTION
This specification defines the requirements for a transmitter modulator and fractional–N synthesizer IC to be used in cellular telephones which employ the North American Dual Mode Cellular System (IS–136).

FEATURES
• Low current from 3.75V supply
• Low phase noise
• Main loop with internal charge pump and fractional compensation
• 3–line serial interface bus
• Power down for the synthesizers
• Speedup mode for faster switching

APPLICATIONS
• Cellular phones
• Portable battery–powered radio equipment.




Similar Part No. - SA9025

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA9024 PHILIPS-SA9024 Datasheet
151Kb / 23P
900 MHz transmit modulator and 1.3 GHz fractional-N synthesizer
1997 Aug 01
More results


Similar Description - SA9025

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA9024 PHILIPS-SA9024 Datasheet
151Kb / 23P
900 MHz transmit modulator and 1.3 GHz fractional-N synthesizer
1997 Aug 01
logo
Texas Instruments
TRF8010 TI-TRF8010 Datasheet
185Kb / 10P
900-MHz RF TRANSMIT DRIVER
logo
RF Micro Devices
RF6001 RFMD-RF6001 Datasheet
35Kb / 2P
FRACTIONAL-N RF SYNTHESIZER WITH MODULATOR AND DIGITAL IF FILTER
logo
Skyworks Solutions Inc.
CX74038 SKYWORKS-CX74038 Datasheet
127Kb / 12P
2.6 GHz/800 MHz Dual Fractional-N/lnteger-N Frequency Synthesizer
logo
Analog Devices
ADF4156 AD-ADF4156 Datasheet
421Kb / 24P
6 GHz Fractional-N Frequency Synthesizer
5/06-Revision 0
logo
Skyworks Solutions Inc.
SKY74038 SKYWORKS-SKY74038 Datasheet
128Kb / 12P
2.6 GHz/800 MHz Dual Fractional-N/lnteger-N Frequency Synthesizer
logo
RF Micro Devices
RF6001 RFMD-RF6001_1 Datasheet
1Mb / 70P
FRACTIONAL-N RF SYNTHESIZER WITH MODULATOR AND DIGITAL IF FILTER
logo
Hittite Microwave Corpo...
HMC703LP4E HITTITE-HMC703LP4E Datasheet
3Mb / 52P
8 GHZ FRACTIONAL SYNTHESIZER
logo
Analog Devices
ADF4156 AD-ADF4156_15 Datasheet
393Kb / 24P
6.2 GHz Fractional-N Frequency Synthesizer
Rev. E
logo
Texas Instruments
TRF8010_1998 TI1-TRF8010_1998 Datasheet
188Kb / 10P
900-MHz RF TRANSMIT DRIVER
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com