Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3898 Datasheet (PDF) - EPCOS

B3898 Datasheet PDF - EPCOS
Part # B3898
Download  B3898 Download
File Size   55.6 Kbytes
Page   7 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Components SAW IF filter 172.80 MHz

B3898 Datasheet (PDF)

Go To PDF Page Download Datasheet
B3898 Datasheet PDF - EPCOS

Part # B3898
Download  B3898 Click to download

File Size   55.6 Kbytes
Page   7 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Components SAW IF filter 172.80 MHz

B3898 Datasheet (HTML) - EPCOS


B3898 Product details

Features
■ Package size 7.0 x 5.0 x 1.33 mm3
■ Package code QCC12E
■ RoHS compatible
■ Approx. weight 0.2 g
■ Ceramic package for Surface Mount Technology (SMT)
■ Ni, gold-plated terminals
■ Electrostatic Sensitive Device (ESD)
■ Filter surface passivated

Application
■ High performance IF bandpass filter for W-CDMA
■ Usable passband 8.84 MHz




Similar Part No. - B3898

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3891 EPCOS-B3891 Datasheet
66Kb / 7P
SAW Components Low-Loss Filter 71,0 MHz
B3892 EPCOS-B3892 Datasheet
63Kb / 6P
SAW Components Low-Loss Filter 248,6 MHz
B3893 EPCOS-B3893 Datasheet
61Kb / 5P
SAW Components Low-Loss Filter 248,6 MHz
B3893 EPCOS-B3893 Datasheet
58Kb / 7P
SAW IF filter GSM
B3893 EPCOS-B3893_1 Datasheet
58Kb / 7P
SAW IF filter GSM
More results


Similar Description - B3898

ManufacturerPart #DatasheetDescription
logo
EPCOS
B5040 EPCOS-B5040 Datasheet
51Kb / 7P
SAW Components SAW IF filter
logo
TDK Electronics
B39121B5245H310 TDK-B39121B5245H310 Datasheet
88Kb / 7P
SAW Components SAW IF filter
B39141B5235Z810 TDK-B39141B5235Z810 Datasheet
119Kb / 9P
SAW Components SAW IF filter
B39141B5246H810 TDK-B39141B5246H810 Datasheet
173Kb / 14P
SAW Components SAW IF filter
B39151B5206H810 TDK-B39151B5206H810 Datasheet
77Kb / 7P
SAW Components SAW IF filter
B39151B5239H810 TDK-B39151B5239H810 Datasheet
101Kb / 8P
SAW Components SAW IF filter
B39161B5204H810 TDK-B39161B5204H810 Datasheet
77Kb / 7P
SAW Components SAW IF filter
B39725B1728H810 TDK-B39725B1728H810 Datasheet
107Kb / 10P
SAW Components SAW IF filter
B39361B5215H810 TDK-B39361B5215H810 Datasheet
96Kb / 8P
SAW Components SAW IF filter
B39800X3403H810 TDK-B39800X3403H810 Datasheet
118Kb / 10P
SAW Components SAW IF filter
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com