Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B4030 Datasheet (PDF) - EPCOS

B4030 Datasheet PDF - EPCOS
Part # B4030
Download  B4030 Download
File Size   61.58 Kbytes
Page   6 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Components Low-Loss Filter 919,55 MHz

B4030 Datasheet (PDF)

Go To PDF Page Download Datasheet
B4030 Datasheet PDF - EPCOS

Part # B4030
Download  B4030 Click to download

File Size   61.58 Kbytes
Page   6 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Components Low-Loss Filter 919,55 MHz

B4030 Datasheet (HTML) - EPCOS


B4030 Product details

Features

■ Low-loss IF filter for DAB

■ Low insertion attenuation

■ High image frequency suppression

■ No matching network required for operation at 50 Ω

■ Package for Surface Mounted Technology (SMT)

■ Hermetically sealed ceramic SMD package



 




Similar Part No. - B4030

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
B403 MIC-B403 Datasheet
45Kb / 2P
BLOCK TYPE AUTOMOTIVE PECTIFIER
B403-N MIC-B403-N Datasheet
45Kb / 2P
BLOCK TYPE AUTOMOTIVE PECTIFIER
B403-P MIC-B403-P Datasheet
45Kb / 2P
BLOCK TYPE AUTOMOTIVE PECTIFIER
logo
Pulse A Technitrol Comp...
B4031 PULSE-B4031 Datasheet
68Kb / 2P
VDSL FILTER SOLUTIONS
B4031 PULSE-B4031 Datasheet
121Kb / 4P
BROADBAND xDSL, HPN, CMCs
More results


Similar Description - B4030

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3588 EPCOS-B3588 Datasheet
61Kb / 5P
SAW Components Low-loss Filter 915,00 MHz
B3607 EPCOS-B3607 Datasheet
71Kb / 6P
SAW Components Low-loss Filter 140,00 MHz
B3640 EPCOS-B3640 Datasheet
72Kb / 6P
SAW Components Low-loss Filter 238,0 MHz
B3665 EPCOS-B3665 Datasheet
69Kb / 6P
SAW Components Low-loss Filter 380,00 MHz
B3666 EPCOS-B3666 Datasheet
65Kb / 6P
SAW Components Low-loss Filter 82,20 MHz
B3671 EPCOS-B3671 Datasheet
67Kb / 6P
SAW Components Low-Loss Filter 204,0 MHz
B3683 EPCOS-B3683 Datasheet
58Kb / 6P
SAW Components Low-Loss Filter 382,5 MHz
B3688 EPCOS-B3688 Datasheet
72Kb / 5P
SAW Components Low-Loss Filter 499,25 MHz
B3760 EPCOS-B3760 Datasheet
81Kb / 6P
SAW Components Low-loss Filter 433,92 MHz
B3853 EPCOS-B3853 Datasheet
85Kb / 7P
SAW Components Low-Loss Filter Low-Loss Filter 141,0 MHz
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com