Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B4181 Datasheet (PDF) - EPCOS

B4181 Datasheet PDF - EPCOS
Part # B4181
Download  B4181 Download
File Size   66.81 Kbytes
Page   6 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Components Low-Loss Filter for Mobile Communication 897,5 MHz

B4181 Datasheet (PDF)

Go To PDF Page Download Datasheet
B4181 Datasheet PDF - EPCOS

Part # B4181
Download  B4181 Click to download

File Size   66.81 Kbytes
Page   6 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Components Low-Loss Filter for Mobile Communication 897,5 MHz

B4181 Datasheet (HTML) - EPCOS


B4181 Product details

SAW Components

Low-Loss Filter for Mobile Communication 897,5 MHz



Features

●Low-loss RF filter for mobile telephone EGSM system, transmit path

●Low amplitude ripple

●Usable passband 35 MHz

●No matching network required for operation at 50Ω

●Ceramic Package for Surface Mounted Technology (SMT)



Terminals

●Ni, gold-plated




Similar Part No. - B4181

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4180 EPCOS-B4180 Datasheet
96Kb / 6P
SAW Components Low-Loss Filter for Mobile Communication 836,50 MHz
B4182 EPCOS-B4182 Datasheet
73Kb / 6P
SAW Components Low-Loss Filter for Mobile Communication 1882,5 MHz
B4182 EPCOS-B4182 Datasheet
74Kb / 10P
CDMA BTS
B41820 EPCOS-B41820 Datasheet
93Kb / 6P
Single-Ended Capacitors Low Profile
B41820A2226M00 EPCOS-B41820A2226M00 Datasheet
93Kb / 6P
Single-Ended Capacitors Low Profile
More results


Similar Description - B4181

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3894 EPCOS-B3894 Datasheet
98Kb / 6P
SAW Components Low Loss Filter for Mobile Communication 210,00 MHz
B4052 EPCOS-B4052 Datasheet
72Kb / 7P
SAW Components Low-Loss Filter for Mobile Communication 447,0 MHz
B4114 EPCOS-B4114 Datasheet
114Kb / 8P
SAW Components Low Loss Filter for Mobile Communication 862,00 MHz
B4130 EPCOS-B4130 Datasheet
110Kb / 7P
SAW Components Low-Loss Filter for Mobile Communication 897,5 MHz
B4179 EPCOS-B4179 Datasheet
93Kb / 7P
SAW Components Low-Loss Filter for Mobile Communication 897,5 MHz
B4864 EPCOS-B4864 Datasheet
81Kb / 7P
SAW Components Low Loss Filter for Mobile Communication 183,60 MHz
B4865 EPCOS-B4865 Datasheet
92Kb / 6P
SAW Components Low Loss Filter for Mobile Communication 134,04 MHz
B4908 EPCOS-B4908 Datasheet
76Kb / 6P
SAW Components Low-Loss Filter for Mobile Communication 158,55 MHz
B4937 EPCOS-B4937 Datasheet
90Kb / 6P
SAW Components Low-Loss Filter for Mobile Communication 109,8 MHz
B4959 EPCOS-B4959 Datasheet
100Kb / 5P
SAW Components Low-Loss Filter for Mobile Communication 128,1 MHz
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com