Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B4540 Datasheet (PDF) - EPCOS

B4540 Datasheet PDF - EPCOS
Part # B4540
Download  B4540 Download
File Size   71.88 Kbytes
Page   6 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Components Bandpass Filter for Mobile Communication 112,32 MHz

B4540 Datasheet (PDF)

Go To PDF Page Download Datasheet
B4540 Datasheet PDF - EPCOS

Part # B4540
Download  B4540 Click to download

File Size   71.88 Kbytes
Page   6 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Components Bandpass Filter for Mobile Communication 112,32 MHz

B4540 Datasheet (HTML) - EPCOS




Similar Part No. - B4540

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4542 EPCOS-B4542 Datasheet
74Kb / 5P
SAW Components Low-Loss Filter 110,59 MHz
B45496 EPCOS-B45496 Datasheet
183Kb / 6P
Polymer; Multiple Anode; Ultra-Low ESR
B45496R0108M506 EPCOS-B45496R0108M506 Datasheet
180Kb / 6P
Polymer; Multiple Anode; Ultra-Low ESR
B45496R0108M509 EPCOS-B45496R0108M509 Datasheet
180Kb / 6P
Polymer; Multiple Anode; Ultra-Low ESR
B45496R0108M536 EPCOS-B45496R0108M536 Datasheet
180Kb / 6P
Polymer; Multiple Anode; Ultra-Low ESR
More results


Similar Description - B4540

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3836 EPCOS-B3836 Datasheet
87Kb / 8P
SAW Components Low-Loss Filter for Mobile Communication 815.50 MHz
B4124 EPCOS-B4124 Datasheet
100Kb / 8P
SAW Components Low-Loss Filter for Mobile Communication 942,5 MHz
B4135 EPCOS-B4135 Datasheet
101Kb / 8P
SAW Components Low-Loss Filter for Mobile Communication 1960,00 MHz
B4843 EPCOS-B4843 Datasheet
75Kb / 7P
SAW Components Low-Loss Filter for Mobile Communication 360,00 MHz
B4869 EPCOS-B4869 Datasheet
78Kb / 6P
SAW Components Low Loss Filter for Mobile Communication 157,32 MHz
B4871 EPCOS-B4871 Datasheet
118Kb / 7P
SAW Components Low Loss Filter for Mobile Communication 135,54 MHz
B4926 EPCOS-B4926 Datasheet
75Kb / 5P
SAW Components Low-Loss Filter for Mobile Communication 133,2 MHz
B4935 EPCOS-B4935 Datasheet
106Kb / 6P
SAW Components Low Loss Filter for Mobile Communication 220,38 MHz
B4943 EPCOS-B4943 Datasheet
103Kb / 6P
SAW Components Low-Loss Filter for Mobile Communication 85,38 MHz
B7305 EPCOS-B7305 Datasheet
80Kb / 8P
SAW Components IF Filter for Mobile Communication 190 MHz
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com