Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B5008 Datasheet (PDF) - EPCOS

B5008 Datasheet PDF - EPCOS
Part # B5008
Download  B5008 Download
File Size   59.81 Kbytes
Page   7 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Components Low-Loss Filter 833,0 MHz

B5008 Datasheet (PDF)

Go To PDF Page Download Datasheet
B5008 Datasheet PDF - EPCOS

Part # B5008
Download  B5008 Click to download

File Size   59.81 Kbytes
Page   7 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Components Low-Loss Filter 833,0 MHz

B5008 Datasheet (HTML) - EPCOS


B5008 Product details

Features
● Low-loss RF filter for Multi Carrier Basestation (CDMA), receive path
● Usable bandwidth 34 MHz
● No matching required for operation at 50 Ω
● Package for Surface Mounted Technology (SMT)
● Hermetically sealed ceramic package




Similar Part No. - B5008

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B500-AL007-P OMRON-B500-AL007-P Datasheet
1Mb / 182P
Programmable Controllers
logo
EPCOS
B5000 EPCOS-B5000 Datasheet
66Kb / 6P
SAW Components Low-Loss Filter 190,0 MHz
B5002 EPCOS-B5002 Datasheet
69Kb / 7P
SAW Components Low-Loss Filter 398,0 MHz
logo
First Components Intern...
B5002 FCI-B5002 Datasheet
364Kb / 2P
50.0 Amp Y-LEAD BLOCK AUTO DIODES
logo
DIOTEC Electronics Corp...
B5002PFA DEC-B5002PFA Datasheet
228Kb / 1P
50 AMP PRESS FIT HIGH VOLTAGE DIODES
More results


Similar Description - B5008

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3588 EPCOS-B3588 Datasheet
61Kb / 5P
SAW Components Low-loss Filter 915,00 MHz
B3607 EPCOS-B3607 Datasheet
71Kb / 6P
SAW Components Low-loss Filter 140,00 MHz
B3640 EPCOS-B3640 Datasheet
72Kb / 6P
SAW Components Low-loss Filter 238,0 MHz
B3665 EPCOS-B3665 Datasheet
69Kb / 6P
SAW Components Low-loss Filter 380,00 MHz
B3666 EPCOS-B3666 Datasheet
65Kb / 6P
SAW Components Low-loss Filter 82,20 MHz
B3671 EPCOS-B3671 Datasheet
67Kb / 6P
SAW Components Low-Loss Filter 204,0 MHz
B3683 EPCOS-B3683 Datasheet
58Kb / 6P
SAW Components Low-Loss Filter 382,5 MHz
B3688 EPCOS-B3688 Datasheet
72Kb / 5P
SAW Components Low-Loss Filter 499,25 MHz
B3760 EPCOS-B3760 Datasheet
81Kb / 6P
SAW Components Low-loss Filter 433,92 MHz
B3853 EPCOS-B3853 Datasheet
85Kb / 7P
SAW Components Low-Loss Filter Low-Loss Filter 141,0 MHz
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com