Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV0045 Datasheet (PDF) - Monolithic Power Systems

EV0045 Datasheet PDF - Monolithic Power Systems
Part # EV0045
Download  EV0045 Download
File Size   274.1 Kbytes
Page   9 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 5W - 30W Class D Mono Bridged Audio Amplifier

EV0045 Datasheet (PDF)

Go To PDF Page Download Datasheet
EV0045 Datasheet PDF - Monolithic Power Systems

Part # EV0045
Download  EV0045 Click to download

File Size   274.1 Kbytes
Page   9 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 5W - 30W Class D Mono Bridged Audio Amplifier

EV0045 Datasheet (HTML) - Monolithic Power Systems


EV0045 Product details

DESCRIPTION
The MP7731 is a mono, 5W - 30W Class D Audio Amplifier. It is one of MPS’ second generation of fully integrated audio amplifiers which dramatically reduces solution size by integrating the following:
    ■ Start Up / Shut Down Pop Elimination
    ■ Short Circuit Protection Circuits
    ■ 180mΩ Power MOSFETs
    ■ Mute / Standby Mode

FEATURES
■ 30W into 4Ω with VDD = 16.5V
■ 90% Efficiency at 5W
■ Amplifies Full Audio Range with Low THD+N
    ■ Typical = 0.1%
■ 9.5V to 18V Supply Voltage Operation
■ Full Bridge Output Drive
■ 4 Integrated 180mΩ Switches
■ Turn On / Turn Off Click and Pop Suppression
■ Integrated Short Circuit Protection
■ Integrated Thermal shutdown
■ Mute / Standby Mode

APPLICATIONS
• Flat Panel LCD and PDP Displays
• Notebook and Multimedia Computers
• Televisions
• Home Stereos
• DVD and VCD Players
• Game Devices and Systems
• Monitors




Similar Part No. - EV0045

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV0045 MPS-EV0045 Datasheet
291Kb / 6P
Compact 25W Class D Stereo Bridged Audio Amplifier
More results


Similar Description - EV0045

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM8685 CHAMP-CM8685 Datasheet
516Kb / 7P
5W MONO CLASS D PLUSTM AUDIO AMPLIFIER
logo
List of Unclassifed Man...
ZA2030 ETC1-ZA2030 Datasheet
154Kb / 5P
AAM 30W Class-D Bridged Audio Amplifier
MP7782 ETC1-MP7782 Datasheet
1Mb / 8P
Mono Bridged Audio Amplifier
logo
Monolithic Power System...
EV7782DF-00A MPS-EV7782DF-00A Datasheet
321Kb / 5P
50W Class D Mono Bridged Audio Amplifier Evaluation Board
MP7782 MPS-MP7782 Datasheet
344Kb / 8P
50W Class D Mono Bridged Audio Amplifier
logo
Texas Instruments
TPA2028D1 TI1-TPA2028D1 Datasheet
2Mb / 43P
Mono Class-D Audio Amplifier
logo
Monolithic Power System...
MPQ7731 MPS-MPQ7731 Datasheet
249Kb / 10P
5W - 30W Class D Mono Bridged Audio Amplifier
EV7731DF-00A MPS-EV7731DF-00A Datasheet
209Kb / 6P
30W Class D Mono Bridged Audio Amplifier
logo
Lowpower Semiconductor ...
LPA2110 POWER-LPA2110 Datasheet
480Kb / 10P
Filterless 30W Class D Mono Audio Amplifier
logo
Shenzhen Naxinwei Techn...
NS4165 NSIWAY-NS4165 Datasheet
585Kb / 13P
Class AB/D dual-mode, 5W mono audio amplifier
V1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com