Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8802 Datasheet (PDF) - Monolithic Power Systems

MP8802 Datasheet PDF - Monolithic Power Systems
Part # MP8802
Download  MP8802 Download
File Size   278.64 Kbytes
Page   7 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description Low Dropout 250mA Linear Regulator

MP8802 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP8802 Datasheet PDF - Monolithic Power Systems

Part # MP8802
Download  MP8802 Click to download

File Size   278.64 Kbytes
Page   7 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description Low Dropout 250mA Linear Regulator

MP8802 Datasheet (HTML) - Monolithic Power Systems


MP8802 Product details

DESCRIPTION
The MP8802 is a low-noise, low-dropout linear regulator. It operates from 2.7V to 6.5V input voltage, and regulates the output voltage with 2% accuracy at 2.5V, 2.85V, 3.3V, or from 1.25V to 5V.
The MP8802 can supply up to 250mA of load current. The MP8802 features thermal overload protection. It is available in a 5-pin TSOT23-5 package.

FEATURES
• Low 250mV Dropout at 250mA Output
• 2% Accurate Output Voltage
• Fixed Output Voltage Options of 2.5V, 2.85V or 3.3V
• Adjustable Output Voltage Option from 1.25V to 5V using an External Resistor Divider
• Up to 6.5V Input Voltage
• High PSRR
    o 70dB at 1KHz
    o 30dB at 1MHz
• Better Than 0.001%/mA Load Regulation
• Stable With Low-ESR Output Capacitor
• Low 125µA Ground Current
• Internal Thermal Protection

APPLICATIONS
• 802.11 PC Cards
• Mobile Handset PLL Power
• Audio Codec Power




Similar Part No. - MP8802

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8802DJ2.5 MPS-MP8802DJ2.5 Datasheet
191Kb / 4P
Low Dropout 250mA Linear Regulator
More results


Similar Description - MP8802

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV8802DJ-00A MPS-EV8802DJ-00A Datasheet
191Kb / 4P
Low Dropout 250mA Linear Regulator
logo
Eorex Corporation
EP1202 EOREX-EP1202 Datasheet
385Kb / 8P
250mA Ultra Low Dropout Linear Regulator
EP1201 EOREX-EP1201 Datasheet
386Kb / 8P
250mA Ultra Low Dropout Linear Regulator
logo
Micrel Semiconductor
MIC2954 MICREL-MIC2954_07 Datasheet
525Kb / 15P
250mA Low-Dropout Regulator
logo
Texas Instruments
REG102-25 TI1-REG102-25 Datasheet
961Kb / 25P
250mA Low-Dropout Regulator
logo
Eorex Corporation
EP1201 EOREX-EP1201_15 Datasheet
392Kb / 8P
250mA Ultra Low Dropout Linear Regulator
EP1202 EOREX-EP1202_15 Datasheet
391Kb / 8P
250mA Ultra Low Dropout Linear Regulator
logo
Monolithic Power System...
MP8902 MPS-MP8902 Datasheet
573Kb / 9P
Low Dropout 250mA Linear Regulator
logo
AiT Semiconductor Inc.
A6201A AITSEMI-A6201A Datasheet
377Kb / 9P
CMOS LOW DROPOUT REGULATOR (LDO) 250mA LOW CONSUMPTION LINEAR REGULATOR
REV1.0
A6250A AITSEMI-A6250A Datasheet
747Kb / 11P
LOW DROPOUT VOLTAGE REGULATOR 250mA LOW CONSUMPTION LINEAR REGULATOR
REV2.5
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com