Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7633 Datasheet (PDF) - EPCOS

B7633 Datasheet PDF - EPCOS
Part # B7633
Download  B7633 Download
File Size   181.94 Kbytes
Page   12 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Components BAW duplexer 1880.00 / 1960.00 MHz

B7633 Datasheet (PDF)

Go To PDF Page Download Datasheet
B7633 Datasheet PDF - EPCOS

Part # B7633
Download  B7633 Click to download

File Size   181.94 Kbytes
Page   12 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Components BAW duplexer 1880.00 / 1960.00 MHz

B7633 Datasheet (HTML) - EPCOS


B7633 Product details

Features
■ Package size 5.0 x 5.0 x 1.35 mm3
■ Package code QCS12E
■ RoHS compatible
■ Approximate weight 0.08 g
■ Package for Surface Mount Technology (SMT)
■ Ni, gold-plated terminals
■ Ni-UBM
■ Matching network required at TX-port

Application
■ Low-loss RF duplexer for mobile telephone IS-95 CDMA systems




Similar Part No. - B7633

ManufacturerPart #DatasheetDescription
logo
EPCOS
B7630 EPCOS-B7630 Datasheet
114Kb / 10P
SAW Components Low-Loss Filter for Mobile Communication 836,5 / 881,5 MHz
logo
Kemet Corporation
B76304E6879M010 KEMET-B76304E6879M010 Datasheet
41Kb / 1P
Capacitor, tantalum
B76304E6879M018 KEMET-B76304E6879M018 Datasheet
41Kb / 1P
Capacitor, tantalum
B76306E6879M010 KEMET-B76306E6879M010 Datasheet
41Kb / 1P
Capacitor, tantalum
B76306E6879M018 KEMET-B76306E6879M018 Datasheet
41Kb / 1P
Capacitor, tantalum
More results


Similar Description - B7633

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4143 EPCOS-B4143 Datasheet
95Kb / 9P
SAW filter 1880.00 MHz
logo
TDK Electronics
B39202B4480P810 TDK-B39202B4480P810 Datasheet
180Kb / 12P
SAW Components BAW/SAW Duplexer
B39741B4407P810 TDK-B39741B4407P810 Datasheet
182Kb / 11P
SAW Components SAW Duplexer
B39202B8004P810 TDK-B39202B8004P810 Datasheet
289Kb / 13P
SAW Components BAW/SAW Duplexer
B39202B8078P810 TDK-B39202B8078P810 Datasheet
301Kb / 14P
SAW Components BAW/SAW Duplexer
B39202B8522P810 TDK-B39202B8522P810 Datasheet
347Kb / 13P
SAW Components SAW Duplexer
B39202B8607P810 TDK-B39202B8607P810 Datasheet
210Kb / 12P
SAW Components SAW Duplexer
B39202B8618P810 TDK-B39202B8618P810 Datasheet
350Kb / 13P
SAW Components SAW Duplexer
B39212B8524P810 TDK-B39212B8524P810 Datasheet
274Kb / 18P
SAW Components SAW Duplexer
B39272B8016P810 TDK-B39272B8016P810 Datasheet
193Kb / 15P
SAW Components BAW/SAW Duplexer
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com