Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCE4614C Datasheet (PDF) - Wuxi NCE Power Semiconductor Co., Ltd

NCE4614C Datasheet PDF - Wuxi NCE Power Semiconductor Co., Ltd
Part # NCE4614C
Download  NCE4614C Download
File Size   1015.89 Kbytes
Page   10 Pages
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd
Description N and P-Channel Enhancement Mode Power MOSFET

NCE4614C Datasheet (PDF)

Go To PDF Page Download Datasheet
NCE4614C Datasheet PDF - Wuxi NCE Power Semiconductor Co., Ltd

Part # NCE4614C
Download  NCE4614C Click to download

File Size   1015.89 Kbytes
Page   10 Pages
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd
Description N and P-Channel Enhancement Mode Power MOSFET

NCE4614C Datasheet (HTML) - Wuxi NCE Power Semiconductor Co., Ltd


NCE4614C Product details

Description
The NCE4614C uses advanced trench technology to provide
excellent RDS(ON) and low gate charge. The complementary
MOSFETs may be used to form a level shifted high side
switch, and for a host of other applications.

General Features
● N-Channel
VDS =40V,ID =6A
RDS(ON) = 33mΩ @ VGS=10V(Typ)
RDS(ON) = 48mΩ @ VGS=4.5V(Typ)
● P-Channel
VDS =-40V,ID = -4A
RDS(ON) = 69mΩ @ VGS=-10V(Typ)
RDS(ON) = 100mΩ @ VGS=-4.5V(Typ)
● High power and current handing capability
● Lead free product is acquired
● Surface mount package




Similar Part No. - NCE4614C

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE4614 NCEPOWER-NCE4614 Datasheet
538Kb / 10P
N and P-Channel Enhancement Mode Power MOSFET
logo
VBsemi Electronics Co.,...
NCE4614 VBSEMI-NCE4614 Datasheet
1Mb / 14P
N- and P-Channel 30 V (D-S) MOSFET
logo
BYCHIP ELECTRONICS CO.,...
NCE4614 BYCHIP-NCE4614 Datasheet
1Mb / 8P
N-Channel and P-Channel Enhancement Mode Power MOSFET
v1.0
logo
Wuxi NCE Power Semicond...
NCE4614B NCEPOWER-NCE4614B Datasheet
1Mb / 10P
N and P-Channel Enhancement Mode Power MOSFET
V1.0
More results


Similar Description - NCE4614C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP2030M ETC-AP2030M Datasheet
112Kb / 11P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Advanced Power Electron...
AP2530GY A-POWER-AP2530GY Datasheet
85Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GSS4503 GTM-GSS4503 Datasheet
557Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4565 GTM-GSS4565 Datasheet
559Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GT2530 GTM-GT2530 Datasheet
390Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Advanced Power Electron...
AP4511GED A-POWER-AP4511GED Datasheet
120Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4506GEM A-POWER-AP4506GEM Datasheet
123Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4501GM A-POWER-AP4501GM Datasheet
212Kb / 8P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4506GEH-HF A-POWER-AP4506GEH-HF Datasheet
116Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
E-Tech Electronics LTD
GT2531 ETL-GT2531 Datasheet
394Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com