Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCE5080K Datasheet (PDF) - Wuxi NCE Power Semiconductor Co., Ltd

NCE5080K Datasheet PDF - Wuxi NCE Power Semiconductor Co., Ltd
Part # NCE5080K
Download  NCE5080K Download
File Size   449.74 Kbytes
Page   7 Pages
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd
Description NCE N-Channel Enhancement Mode Power MOSFET

NCE5080K Datasheet (PDF)

Go To PDF Page Download Datasheet
NCE5080K Datasheet PDF - Wuxi NCE Power Semiconductor Co., Ltd

Part # NCE5080K
Download  NCE5080K Click to download

File Size   449.74 Kbytes
Page   7 Pages
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd
Description NCE N-Channel Enhancement Mode Power MOSFET

NCE5080K Datasheet (HTML) - Wuxi NCE Power Semiconductor Co., Ltd


NCE5080K Product details

Description
The NCE5080K uses advanced trench technology and
design to provide excellent RDS(ON) with low gate charge. It
can be used in a wide variety of applications.

General Features
● VDS =50V,ID =80A
RDS(ON) <7.5mΩ @ VGS=10V
RDS(ON) <9.0mΩ @ VGS=4.5V
● High density cell design for ultra low Rdson
● Fully characterized avalanche voltage and current
● Good stability and uniformity with high EAS
● Excellent package for good heat dissipation
● Special process technology for high ESD capability

Application
● Load switching
● Hard switched and high frequency circuits
● Uninterruptible power supply




Similar Part No. - NCE5080K

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE5015S NCEPOWER-NCE5015S Datasheet
405Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
V1.0
NCE5020Q NCEPOWER-NCE5020Q Datasheet
277Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
V1.0
NCE5055K NCEPOWER-NCE5055K Datasheet
443Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
V1.0
NCE50ED65VT NCEPOWER-NCE50ED65VT Datasheet
1Mb / 9P
650V 50A Trench FS Gen.7 IGBT
Preview
NCE50TD120BP NCEPOWER-NCE50TD120BP Datasheet
1Mb / 8P
1200V, 50A, Trench FS II Fast IGBT
V1.0
More results


Similar Description - NCE5080K

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE55H11 NCEPOWER-NCE55H11 Datasheet
376Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE75H21T NCEPOWER-NCE75H21T Datasheet
354Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE0128D NCEPOWER-NCE0128D Datasheet
326Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE0160S NCEPOWER-NCE0160S Datasheet
401Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE2302 NCEPOWER-NCE2302 Datasheet
306Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE3080K NCEPOWER-NCE3080K Datasheet
355Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE01H16 NCEPOWER-NCE01H16 Datasheet
369Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE70H13 NCEPOWER-NCE70H13 Datasheet
407Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE1490 NCEPOWER-NCE1490 Datasheet
375Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE1530KC NCEPOWER-NCE1530KC Datasheet
419Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com