Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GM431 Datasheet (PDF) - Gamma Microelectronics Inc.

GM431 Datasheet PDF - Gamma Microelectronics Inc.
Part # GM431
Download  GM431 Download
File Size   225.73 Kbytes
Page   14 Pages
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.
Description 2.5V ADJUSTABLE SHUNT REGULATOR

GM431 Datasheet (PDF)

Go To PDF Page Download Datasheet
GM431 Datasheet PDF - Gamma Microelectronics Inc.

Part # GM431
Download  GM431 Click to download

File Size   225.73 Kbytes
Page   14 Pages
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.
Description 2.5V ADJUSTABLE SHUNT REGULATOR

GM431 Datasheet (HTML) - Gamma Microelectronics Inc.


GM431 Product details

Description

The GM431 is a three terminal adjustable shunt regulator with thermal stability guaranteed over temperature. Output voltage can be adjusted to any value between 2.5V (Vref)  and 36V by using two external resistors. The GM431 has a typical dynamic output impedance of 0.2W. Active output

circuitry provides a very unique turn on characteristic, making the GM431 an excellent replacement for zener diodes in many applications such as onboard regulation and adjustable power supplies. The GM431 is an ideal voltage reference for 3.0 to 3.3V switching power supplies.



Features

Sink Current Capability 1 mA to 100mA

Low dynamic output impedance, 0.2Wtyp.

Low output noise

0.5%, 1% or 2% reference voltage tolerance

Alternate for TL431, TL431, LM431 & AS431

Temperature range 0°C to+ 70 °C

Available in SOT -23, TO-92, SOT-89 and SOP- 8 packages



Application

Switching power supplies

Linear regulators

Adjustable supplies

Battery-operated computers

Computer disk drives

Instrumentation




Similar Part No. - GM431

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GM431 GTM-GM431 Datasheet
297Kb / 3P
ADJUSTABLE SHUNT REGULATOR
logo
Guilin Strong Micro-Ele...
GM431 GSME-GM431 Datasheet
278Kb / 3P
SOT-23
logo
E-Tech Electronics LTD
GM431 ETL-GM431 Datasheet
307Kb / 3P
A d j u s t a b l e S h u n t R e g u l a t o r
logo
Gamma Microelectronics ...
GM431A GAMMA-GM431A Datasheet
2Mb / 1P
Adjustable Shunt Regulators
GM431AS8R GAMMA-GM431AS8R Datasheet
202Kb / 11P
2.5V ADJUSTABLE SHUNT REGULATOR
More results


Similar Description - GM431

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX3431 SIPEX-SPX3431 Datasheet
140Kb / 5P
Micropower 2.5V Precision Adjustable Shunt Regulator
logo
List of Unclassifed Man...
B3431 ETC-B3431 Datasheet
125Kb / 9P
Adjustable Shunt Regulator
B431 ETC1-B431 Datasheet
270Kb / 11P
2.5V Adjustable Shunt Regulator
L431 ETC1-L431 Datasheet
291Kb / 11P
2.5V Low-Voltage Adjustable Precision Shunt Regulator
logo
Cystech Electonics Corp...
PL432XA3 CYSTEKEC-PL432XA3 Datasheet
204Kb / 9P
Adjustable shunt regulator
logo
Semtech Corporation
SC431 SEMTECH-SC431_05 Datasheet
225Kb / 9P
Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
LM432XA3 CYSTEKEC-LM432XA3 Datasheet
229Kb / 9P
Adjustable shunt regulator
logo
Gamma Microelectronics ...
GM431 GAMMA-GM431_08 Datasheet
202Kb / 11P
2.5V ADJUSTABLE SHUNT REGULATOR
GM431S GAMMA-GM431S Datasheet
543Kb / 11P
2.5V ADJUSTABLE SHUNT REGULATOR
logo
Cystech Electonics Corp...
TL432N3 CYSTEKEC-TL432N3 Datasheet
355Kb / 15P
Adjustable shunt regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com