Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GM66150 Datasheet (PDF) - Gamma Microelectronics Inc.

GM66150 Datasheet PDF - Gamma Microelectronics Inc.
Part # GM66150
Download  GM66150 Download
File Size   419.42 Kbytes
Page   15 Pages
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.
Description 1.5A ULTRA LOW-DROPOUT REGULATOR

GM66150 Datasheet (PDF)

Go To PDF Page Download Datasheet
GM66150 Datasheet PDF - Gamma Microelectronics Inc.

Part # GM66150
Download  GM66150 Click to download

File Size   419.42 Kbytes
Page   15 Pages
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.
Description 1.5A ULTRA LOW-DROPOUT REGULATOR

GM66150 Datasheet (HTML) - Gamma Microelectronics Inc.


GM66150 Product details

Description
The GM66150 series of positive fixed and adjustable regulators is designed to provide up to 1.5A output with high current, high accuracy, and extremely low dropout voltage performance. These regulators feature 300 to 350mV (full load) dropout voltages, and very low ground current. Although designed for high current loads, these devices are also useful in lower current, extremely low dropout critical systems, where the minimal dropout voltage and ground current values are important characteristics.

Features
◆ Ultra Low Dropout Voltage of 350mV @ 1.5A with Low Ground Current
◆ Fixed and Adjustable Voltage Versions
◆ Output Current up to 1.5A
◆ Guaranteed 1% Accurate Tolerance
◆ Extremely Fast Transient Response
◆ Reverse-battery Protection
◆ "Load Dump" Protection
◆ Zero-Current shutdown mode(5-pin versions) Error flag signals output out-of-regulation (5-pin versions)

Application
■ High Efficiency Linear Regulators
■ Post Regulators for Switching Supplies High Efficiency "Green" Computer Systems
■ Battery Powered Equipment
■ Automotive Electronics




Similar Part No. - GM66150

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM66150 GAMMA-GM66150 Datasheet
215Kb / 19P
1.5A ULTRA LOW DROPOUT VOLTAGE REGULATORS
GM66150-1.5ST3R GAMMA-GM66150-1.5ST3R Datasheet
215Kb / 19P
1.5A ULTRA LOW DROPOUT VOLTAGE REGULATORS
GM66150-1.5ST3RG GAMMA-GM66150-1.5ST3RG Datasheet
215Kb / 19P
1.5A ULTRA LOW DROPOUT VOLTAGE REGULATORS
GM66150-1.5ST3T GAMMA-GM66150-1.5ST3T Datasheet
215Kb / 19P
1.5A ULTRA LOW DROPOUT VOLTAGE REGULATORS
GM66150-1.5ST3TG GAMMA-GM66150-1.5ST3TG Datasheet
215Kb / 19P
1.5A ULTRA LOW DROPOUT VOLTAGE REGULATORS
More results


Similar Description - GM66150

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ39150 BCDSEMI-AZ39150 Datasheet
181Kb / 13P
1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39151 BCDSEMI-AZ39151 Datasheet
166Kb / 12P
1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Richtek Technology Corp...
RT9183 RICHTEK-RT9183_07 Datasheet
214Kb / 16P
Ultra Low Dropout 1.5A Linear Regulator
logo
Silicon Standard Corp.
SS8053G SSC-SS8053G Datasheet
444Kb / 3P
1.5A Ultra Low Dropout Regulator
logo
Richtek Technology Corp...
RT9183A RICHTEK-RT9183A Datasheet
237Kb / 17P
Ultra Low Dropout 1.5A Linear Regulator
logo
BCD Semiconductor Manuf...
AZ39150 BCDSEMI-AZ39150_12 Datasheet
877Kb / 19P
1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Power Analog Micoelectr...
PAM3108 PAM-PAM3108 Datasheet
431Kb / 10P
Maximum 1.5A, Ultra Low Dropout Regulator
logo
Taiwan Semiconductor Co...
TS29152 TSC-TS29152_13 Datasheet
145Kb / 8P
1.5A Ultra Low Dropout Voltage Regulator
logo
Exar Corporation
SPX1583 EXAR-SPX1583 Datasheet
225Kb / 5P
1.5A Ultra Low Dropout Voltage Regulator
XR71211 EXAR-XR71211 Datasheet
1Mb / 12P
1.5A Ultra Low Dropout Voltage Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com