Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PH1000MBMH Datasheet (PDF) - List of Unclassifed Manufacturers

PH1000MBMH Datasheet PDF - List of Unclassifed Manufacturers
Part # PH1000MBMH
Download  PH1000MBMH Download
File Size   2962.45 Kbytes
Page   52 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Industrial Control and General purpose enclosed Transformers

PH1000MBMH Datasheet (PDF)

Go To PDF Page Download Datasheet
PH1000MBMH Datasheet PDF - List of Unclassifed Manufacturers

Part # PH1000MBMH
Download  PH1000MBMH Click to download

File Size   2962.45 Kbytes
Page   52 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Industrial Control and General purpose enclosed Transformers

PH1000MBMH Datasheet (HTML) - List of Unclassifed Manufacturers


PH1000MBMH Product details

Features & Benefits
• 600V class, machine tool rated industrial control transformers
• 11 standard multi primary and secondary voltage groups available1
• 50/60 Hertz (60Hz on PH***AJ & PH***AR)
• VA range from 50 to 15001
• Superior insulation system
• 50-150VA, temperature rise 55°C, insulation class 105°C
• 250-1500VA, temperature rise 80°C, insulation class 130°C
• Constructed with high quality silicon steel laminations that provide optimum
performance and reliability
• Encapsulated copper wound coils encased in a custom injection molded
cover, protects coils and terminations from moisture, dirt and other industrial
airborne contaminants
• Mounting Feet: made of heavy steel and welded or bolted to the core, these
mounting feet provide superior strength in a compact design.
• Termination: combination slot/Phillips #6 screw, complete with SEMS washer
(suitable for 18 AWG to 14 AWG solid or 14 AWG stranded wire)
• Standard SEMS washers - supplied on all units2
• Standard secondary fuse kits - utilizing 13/32” x 1 1/2” midget/type CC fuse
clips
• Optional primary fuse kits available utilizing 13/32” x 1 1/2” midget/type CC
fuse clips
• Optional finger safe terminal covers available on all units
• Seismically certified in accordance with 2009 IBC for SDS <= 2.00g, z/h = 1.0
and IP = 1.5
• UL Listed (approved for U.S. and Canada)
• CE Mark standard on all units (excluding PH*AR and PH*AJ)
• LIFETIME Warranty (Limited)
• RoHS Compliant




Similar Part No. - PH1000MBMH

ManufacturerPart #DatasheetDescription
logo
NEC
PH1000UG NEC-PH1000UG Datasheet
985Kb / 2P
NEC PH1000UG Professional Installation Projector
More results


Similar Description - PH1000MBMH

ManufacturerPart #DatasheetDescription
logo
TALEMA Group. LLC
TDJ-30-16A TALEMA-TDJ-30-16A Datasheet
54Kb / 1P
General Purpose Transformers
logo
XFMRS Inc.
XF2006CS XFMRS-XF2006CS Datasheet
47Kb / 1P
General Purpose Transformers
XF2006CSIT XFMRS-XF2006CSIT Datasheet
34Kb / 1P
General Purpose Transformers
logo
Bothhand USA, LP.
6T245A BOTHHAND-6T245A Datasheet
61Kb / 1P
GENERAL PURPOSE TRANSFORMERS
logo
XFMRS Inc.
XF2006CS XFMRS-XF2006CS_10 Datasheet
72Kb / 1P
General Purpose Transformers
XF2006CS XFMRS-XF2006CS Datasheet
72Kb / 1P
General Purpose Transformers
XF2006CSIT XFMRS-XF2006CSIT Datasheet
34Kb / 1P
General Purpose Transformers
logo
List of Unclassifed Man...
E150TH ETC2-E150TH Datasheet
435Kb / 6P
Industrial Control Transformers
SBEDIN ETC2-SBEDIN Datasheet
313Kb / 5P
Industrial Control Transformers
E100TF ETC2-E100TF Datasheet
536Kb / 5P
Industrial Control Transformers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com