Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRD9826 Datasheet (PDF) - Exar Corporation

XRD9826 Datasheet PDF - Exar Corporation
Part # XRD9826
Download  XRD9826 Download
File Size   273.64 Kbytes
Page   33 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 16-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control

XRD9826 Datasheet (PDF)

Go To PDF Page Download Datasheet
XRD9826 Datasheet PDF - Exar Corporation

Part # XRD9826
Download  XRD9826 Click to download

File Size   273.64 Kbytes
Page   33 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 16-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control

XRD9826 Datasheet (HTML) - Exar Corporation


XRD9826 Product details

GENERAL DESCRIPTION
The XRD9826 is a complete linear CIS or CCD sensor signal processor on a single monolithic chip. The XRD9826 includes a high speed 16-bit resolution ADC, a 6-bit Programmable Gain Amplifier with gain adjustment of 1 to 10, and 8-bit programmable input referred offset calibration range of 800mV.

FEATURES
◾ 16-Bit Resolution
◾ One-channel 6MSPS Pixel Rate
◾ Triple-channel 2MSPS Pixel Rate
◾ 6-Bit Programmable Gain Amplifier
◾ 8-Bit Programmable Offset Adjustment
◾ CIS or CCD Compatibility
◾ Internal Clamp for CIS or CCD AC Coupled Configurations
◾ 3.3V or 5V Operation & I/O Compatibility
◾ Serial Load Control Registers
◾ Low Power CMOS: 200mW-typ
◾ Low Cost 20-Lead Packages
◾ USB Compliant

APPLICATIONS
◾ Color and Grayscale Flatbed Scanners
◾ Color and Grayscale Sheetfed Scanners
◾ Multifunction Peripherals
◾ Digital Color Copiers
◾ General Purpose CIS or CCD Imaging
◾ Low Cost Data Acquisition
◾ Simple and Direct Interface to Canon 600 DPI Sensors




Similar Part No. - XRD9826

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRD9820 EXAR-XRD9820 Datasheet
1Mb / 24P
3-Channel, 10/12-Bit Linear CCd and CIS Sensor signal Processors
XRD9822 EXAR-XRD9822 Datasheet
1Mb / 24P
3-Channel, 10/12-Bit Linear CCd and CIS Sensor signal Processors
XRD9824 EXAR-XRD9824 Datasheet
265Kb / 32P
14-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control
XRD9824ACD EXAR-XRD9824ACD Datasheet
265Kb / 32P
14-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control
XRD9824ACU EXAR-XRD9824ACU Datasheet
265Kb / 32P
14-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control
More results


Similar Description - XRD9826

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRD9827 EXAR-XRD9827 Datasheet
264Kb / 32P
12-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control
XRD98L23 EXAR-XRD98L23 Datasheet
452Kb / 32P
8-Bit, High-speed Linear CIS/CCD Sensor Signal Processor with Serial Control
XRD9829 EXAR-XRD9829 Datasheet
1Mb / 20P
10-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control
XRD9828 EXAR-XRD9828 Datasheet
148Kb / 2P
10-Bit Linear CIS/CCD Sensor Signal Processor with Parallel Interface
XRD9825 EXAR-XRD9825 Datasheet
290Kb / 33P
16-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control
XRD9818 EXAR-XRD9818 Datasheet
479Kb / 28P
3-CHANNEL 16-BIT LINEAR CCD/CIS SENSOR SIGNAL PROCESSOR
XRD9824 EXAR-XRD9824 Datasheet
265Kb / 32P
14-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control
logo
Holtek Semiconductor In...
HT82V38 HOLTEK-HT82V38 Datasheet
137Kb / 16P
16-Bit CCD/CIS Analog Signal Processor
July 23, 2009
logo
Unisonic Technologies
M1008 UTC-M1008 Datasheet
372Kb / 11P
16-BIT CCD/CIS ANALOG SIGNAL PROCESSOR
logo
Holtek Semiconductor In...
HT82V36 HOLTEK-HT82V36_08 Datasheet
145Kb / 12P
16-Bit CCD/CIS Analog Signal Processor
November 10, 2008
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com