Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GM432AS8T Datasheet (PDF) - Gamma Microelectronics Inc.

GM432AS8T Datasheet PDF - Gamma Microelectronics Inc.
Part # GM432AS8T
Download  GM432AS8T Download
File Size   229.47 Kbytes
Page   13 Pages
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.
Description 1.24V ADJUSTABLE PRECISION SHUNT REGULATORS

GM432AS8T Datasheet (PDF)

Go To PDF Page Download Datasheet
GM432AS8T Datasheet PDF - Gamma Microelectronics Inc.

Part # GM432AS8T
Download  GM432AS8T Click to download

File Size   229.47 Kbytes
Page   13 Pages
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.
Description 1.24V ADJUSTABLE PRECISION SHUNT REGULATORS

GM432AS8T Datasheet (HTML) - Gamma Microelectronics Inc.


GM432AS8T Product details

Description
The GM432s are low-voltage three-terminal adjustable precision shunt regulators with specified thermal stability over their full temperature range. Output voltage can be set to any value from Vref (1.24V) to 16V by using two external resistors. Their active output circuitry provides a very unique turn-on characteristic, making them excellent replacements for zener diodes in many applications such as onboard regulation and adjustable power supplies. In a wide range of home applications, these versatile darlings are ideal voltage references for 3.0V to 3.3V switching power suppies. With operational cathode current as low as 80µA, batteries keep on going. Whatever your application is, the GM432s offer the optimum combination of performance, reliability, and economy.

Features
◆ Low-voltage operation, down to 1.24V
◆ 0.5%, 1% or 2% reference voltage tolerance
◆ Adjustable output voltage, VO = Vref to 16V
◆ Sink Current Capability 80µA to 100mA
◆ Low dynamic output impedance, 0.05W typical
◆ Wide temperature range, 0° to +70°C
◆ Pin-to-pin replacement for TLV431, SC431L
◆ Available in SOT-23, SOT-25, SOT-89, TO-92 and SOP-8

Application
   Switching power supplies
   Linear regulators
   Adjustable supplies
   Instrumentation
   Battery-operated computers,
   PDAs portable devices
   Monitors, TVs, camcorders
   Computer disk drives




Similar Part No. - GM432AS8T

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM432AST23RG GAMMA-GM432AST23RG Datasheet
756Kb / 11P
1.24V ADJUSTABLE PRECISION SHUNT REGULATORS
GM432AST89RG GAMMA-GM432AST89RG Datasheet
756Kb / 11P
1.24V ADJUSTABLE PRECISION SHUNT REGULATORS
More results


Similar Description - GM432AS8T

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV431 NSC-LMV431 Datasheet
556Kb / 16P
Low-Voltage (1.24V) Adjustable Precision Shunt Regulators
logo
Unisonic Technologies
TL432C UTC-TL432C Datasheet
103Kb / 3P
1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
logo
Sipex Corporation
SPX432 SIPEX-SPX432_04 Datasheet
144Kb / 11P
1.24V Precision Adjustable Shunt Regulator
logo
Unisonic Technologies
TL432C UTC-TL432C_11 Datasheet
166Kb / 3P
1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432C UTC-TL432C_12 Datasheet
166Kb / 3P
1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
logo
Gamma Microelectronics ...
GM432 GAMMA-GM432_12 Datasheet
756Kb / 11P
1.24V ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Texas Instruments
LMV431AIMFX-NOPB TI1-LMV431AIMFX-NOPB Datasheet
1Mb / 27P
Low-Voltage (1.24V) Adjustable Precision Shunt Regulators
logo
Sipex Corporation
SPX432AM-L SIPEX-SPX432AM-L Datasheet
145Kb / 11P
1.24V Precision Adjustable Shunt Regulator
SPX432M-L SIPEX-SPX432M-L Datasheet
145Kb / 11P
1.24V Precision Adjustable Shunt Regulator
logo
Unisonic Technologies
TL432C UTC-TL432C_18 Datasheet
208Kb / 4P
1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com