Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7717 Datasheet (PDF) - EPCOS

B7717 Datasheet PDF - EPCOS
Part # B7717
Download  B7717 Download
File Size   74.0 Kbytes
Page   7 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Components Low-Loss Filter for Mobile Communication 1960,0 MHz

B7717 Datasheet (PDF)

Go To PDF Page Download Datasheet
B7717 Datasheet PDF - EPCOS

Part # B7717
Download  B7717 Click to download

File Size   74.0 Kbytes
Page   7 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Components Low-Loss Filter for Mobile Communication 1960,0 MHz

B7717 Datasheet (HTML) - EPCOS


B7717 Product details

Features
● Low-loss RF filter for mobile telephone PCS systems, receive path
● Low amplitude ripple
● Usable passband 60 MHz
● Unbalanced to balanced operation
● Impedance transformation from 50Ω to 200Ω
● Suitable for GPRS class 1 to 12
● Package for Surface Mounted Technology(SMT)
● Pb-free




Similar Part No. - B7717

ManufacturerPart #DatasheetDescription
logo
EPCOS
B7710 EPCOS-B7710 Datasheet
96Kb / 8P
SAW Components Low-Loss Filter for Mobile Communication 942,5 MHz
B7711 EPCOS-B7711 Datasheet
80Kb / 7P
SAW Components Low-Loss Filter for Mobile Communication 1950,0 MHz
B7712 EPCOS-B7712 Datasheet
78Kb / 9P
SAW Components Low-Loss Filter for Mobile Communication 2140,0 MHz
B7713 EPCOS-B7713 Datasheet
100Kb / 6P
SAW Components Low-Loss Filter for Mobile Communication 836,5 MHz
B7714 EPCOS-B7714 Datasheet
72Kb / 6P
Low-Loss Filter for Mobile Communication SAW Components
More results


Similar Description - B7717

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4154 EPCOS-B4154 Datasheet
61Kb / 5P
SAW Components Low-Loss Filter for Mobile Communication 1960,0 MHz
B4170 EPCOS-B4170 Datasheet
73Kb / 8P
SAW Components Low-Loss Filter for Mobile Communication 1960,0 MHz
B7709 EPCOS-B7709 Datasheet
73Kb / 7P
SAW Components Low-Loss Filter for Mobile Communication 1960,0 MHz
B7720 EPCOS-B7720 Datasheet
94Kb / 8P
SAW Components Low-Loss Filter for Mobile Communication 1960,0 MHz
B7740 EPCOS-B7740 Datasheet
91Kb / 7P
SAW Components Low-Loss Filter for Mobile Communication 1960,0 MHz
B7741 EPCOS-B7741 Datasheet
79Kb / 7P
SAW Components Low-Loss Filter for Mobile Communication 1960,0 MHz
B7743 EPCOS-B7743 Datasheet
80Kb / 7P
SAW Components Low-Loss Filter for Mobile Communication 1960,0 MHz
B7823 EPCOS-B7823 Datasheet
62Kb / 7P
SAW Components Low-Loss Filter for Mobile Communication 1960,0 MHz
B7851 EPCOS-B7851 Datasheet
80Kb / 6P
SAW Components Low-Loss Filter for Mobile Communication 1960,0 MHz
B9008 EPCOS-B9008 Datasheet
96Kb / 9P
SAW Components Low-Loss Filter for Mobile Communication 1960,0 MHz
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com