Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDAD102 Datasheet (PDF) - Solid States Devices, Inc

SDAD102 Datasheet PDF - Solid States Devices, Inc
Part # SDAD102
Download  SDAD102 Download
File Size   39.84 Kbytes
Page   1 Pages
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc
Description 2,500 to 15,000 VOLTS STANDARD RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER

SDAD102 Datasheet (PDF)

Go To PDF Page Download Datasheet
SDAD102 Datasheet PDF - Solid States Devices, Inc

Part # SDAD102
Download  SDAD102 Click to download

File Size   39.84 Kbytes
Page   1 Pages
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc
Description 2,500 to 15,000 VOLTS STANDARD RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER

SDAD102 Datasheet (HTML) - Solid States Devices, Inc


SDAD102 Product details

FEATURES:
 • Stackable to 600 kV+
 • PIV 2.5kV to 15kV
 • High Current Ratings
 • Standard Reverse Recovery Time
 • Only Hermetically Sealed Rectifiers Used
 • Controlled Avalanche Rated
 • Modular Design for Easy Stacking
 • Storage and Operating Temps -65°C to +150°C
 • Available in Fast, Ultra Fast and Hyper Fast Versions
 • Replacement Upgrade- Microsemi/Unitrode types UDE-2.5 through UDA-15
 • TX, TXV, and S-Level Screening Available 2/




Similar Part No. - SDAD102

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDAD102 SSDI-SDAD102 Datasheet
77Kb / 1P
STANDARD RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD102A10 SSDI-SDAD102A10 Datasheet
77Kb / 1P
STANDARD RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD102A15 SSDI-SDAD102A15 Datasheet
77Kb / 1P
STANDARD RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD102A5.0 SSDI-SDAD102A5.0 Datasheet
77Kb / 1P
STANDARD RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD102A7.5 SSDI-SDAD102A7.5 Datasheet
77Kb / 1P
STANDARD RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
More results


Similar Description - SDAD102

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPA513 SSDI-SPA513 Datasheet
313Kb / 3P
1 AMP, 15,000 to 20,000 VOLTS HIGH VOLTAGE RECTIFIER BRIDGE STACK
SDAD103 SSDI-SDAD103 Datasheet
40Kb / 1P
2,500 to 15,000 VOLTS FAST RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD101 SSDI-SDAD101 Datasheet
37Kb / 1P
2,500 to 15,000 VOLTS STANDARD RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD103UF SSDI-SDAD103UF Datasheet
39Kb / 1P
2,500 to 15,000 VOLTS ULTRA FAST RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD101UF SSDI-SDAD101UF Datasheet
36Kb / 1P
2,500 to 15,000 VOLTS ULTRA FAST RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD102F SSDI-SDAD102F Datasheet
40Kb / 1P
2,500 to 15,000 VOLTS FAST RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD102UF SSDI-SDAD102UF Datasheet
37Kb / 1P
2,500 to 15,000 VOLTS ULTRA FAST RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD101 SSDI-SDAD101_1 Datasheet
74Kb / 1P
STANDARD RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD102 SSDI-SDAD102_1 Datasheet
77Kb / 1P
STANDARD RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD103 SSDI-SDAD103_1 Datasheet
80Kb / 1P
STANDARD RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com