Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2951 Datasheet (PDF) - Sipex Corporation

LP2951 Datasheet PDF - Sipex Corporation
Part # LP2951
Download  LP2951 Download
File Size   812.05 Kbytes
Page   15 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 100mA Low Dropout Voltage Regulators

LP2951 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP2951 Datasheet PDF - Sipex Corporation

Part # LP2951
Download  LP2951 Click to download

File Size   812.05 Kbytes
Page   15 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 100mA Low Dropout Voltage Regulators

LP2951 Datasheet (HTML) - Sipex Corporation


LP2951 Product details

PRODUCT DESCRIPTION

The LP2950 and LP2951 are low power voltage regulators. These devices are an excellent choice for use in battery-powered applications such as cordless telephones, radio control systems, and portable computers. The LP2950 and LP2951 feature low quiescent current and low dropout voltage (typ. 50mV at light load and 380 mV at 100mA). This includes a tight initial tolerance (0.5% typ.), extremely good load and line regulation (0.05% typ.), and very low output temperature coefficient (20 ppm/¡C typ.), making the LP2950/LP2951 useful as a low-power voltage reference.



FEATURES

• 5.0V and 3.3V Versions at 100mA Output

• Very Low Quiescent Current

• Low Dropout Voltage: 380mV at 100mA

• Extremely Tight Load and Line Regulation

• Very Low Temperature Coefficient

• Current & Thermal Limiting

• Need Only 1 µF for Stability

• Offered in Lead Free, RoHS Compliant Package : TO-92 (LP2950) & SOIC (LP2951)

• Direct Replacement For LP2950/LP2951



APPLICATIONS

• Battery Powered Systems

• Cordless Telephones

• Radio Control Systems

• Portable/Palm Top/Notebook Computers

• Portable Consumer Equipment

• Portable Instrumentation

• Avionics

• SMPS Post-Regulator

• Voltage Reference

• Automotive Electronic



LP2951 versions only

• Error Flag Warns of Output Dropout

• Logic-Controlled Electronic Shutdown

• Output Programmable From 1.24 to 29V




Similar Part No. - LP2951

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2951 NSC-LP2951 Datasheet
1Mb / 26P
Series of Adjustable Micropower Voltage Regulators
logo
Semtech Corporation
LP2951 SEMTECH-LP2951 Datasheet
67Kb / 3P
150mA ADJUSTABLE VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
LP2951 ADMOS-LP2951 Datasheet
142Kb / 14P
100mA LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
LP2951 FAIRCHILD-LP2951 Datasheet
46Kb / 10P
Adjustable Micro Power Voltage Regulator
logo
Calogic, LLC
LP2951 CALOGIC-LP2951 Datasheet
140Kb / 10P
100mA Low Dropout Voltage Regulators
More results


Similar Description - LP2951

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
LP2950 CALOGIC-LP2950 Datasheet
140Kb / 10P
100mA Low Dropout Voltage Regulators
logo
Maxim Integrated Produc...
MAX8865T MAXIM-MAX8865T Datasheet
169Kb / 12P
Dual, Low-Dropout, 100mA Linear Regulators
logo
Cystech Electonics Corp...
PL2950-XXA3 CYSTEKEC-PL2950-XXA3 Datasheet
198Kb / 3P
100mA Low Dropout Voltage Regulators
PL2951-XXQ8 CYSTEKEC-PL2951-XXQ8 Datasheet
209Kb / 5P
100mA Low Dropout Voltage Regulators
logo
Linear Dimensions Semic...
LND2950 LINEAR_DIMENSIONS-LND2950 Datasheet
137Kb / 5P
100mA Low Dropout Voltage Regulators
logo
Exar Corporation
LP2950 EXAR-LP2950 Datasheet
835Kb / 16P
100mA, LOW DROPOUT VOLTAGE REGULATORS
logo
HTC Korea TAEJIN Techno...
LM2930 HTC-LM2930 Datasheet
138Kb / 4P
100mA LOW DROPOUT VOLTAGE REGULATORS
LM2950 HTC-LM2950 Datasheet
172Kb / 4P
100mA LOW DROPOUT VOLTAGE REGULATORS
logo
Gamma Microelectronics ...
GM2950 GAMMA-GM2950 Datasheet
445Kb / 10P
100mA, LOW DROPOUT VOLTAGE REGULATORS
logo
Maxim Integrated Produc...
MAX8865R MAXIM-MAX8865R Datasheet
172Kb / 12P
Dual, Low-Dropout, 100mA Linear Regulators
19-0485; Rev 0; 4/96
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com