Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDR3006 Datasheet (PDF) - Solid States Devices, Inc

SDR3006 Datasheet PDF - Solid States Devices, Inc
Part # SDR3006
Download  SDR3006 Download
File Size   166.48 Kbytes
Page   2 Pages
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc
Description 30A 80nsec 400 to 600 V Ultrafast Rectifier

SDR3006 Datasheet (PDF)

Go To PDF Page Download Datasheet
SDR3006 Datasheet PDF - Solid States Devices, Inc

Part # SDR3006
Download  SDR3006 Click to download

File Size   166.48 Kbytes
Page   2 Pages
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc
Description 30A 80nsec 400 to 600 V Ultrafast Rectifier

SDR3006 Datasheet (HTML) - Solid States Devices, Inc




Similar Part No. - SDR3006

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR3006HF SSDI-SDR3006HF Datasheet
166Kb / 2P
30A 35nsec 400 to 600 V Hyper Fast Rectifier
More results


Similar Description - SDR3006

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR3006HF SSDI-SDR3006HF Datasheet
166Kb / 2P
30A 35nsec 400 to 600 V Hyper Fast Rectifier
SDR4006HF SSDI-SDR4006HF Datasheet
167Kb / 2P
40A 35nsec 400 to 600 V Hyper Fast Rectifier
SDR6006HF SSDI-SDR6006HF Datasheet
167Kb / 2P
60A 35nsec 400 to 600 V Hyper Fast Rectifier
SDR2G SSDI-SDR2G Datasheet
204Kb / 2P
1 AMP 400-1200 50-80nsec ULTRA FAST RECTIFIER
SDR4G SSDI-SDR4G Datasheet
301Kb / 2P
3 AMP 400-1200 50-80nsec ULTRA FAST RECTIFIER
logo
Digitron Semiconductors
MUR3020WT DIGITRON-MUR3020WT Datasheet
331Kb / 5P
30A ULTRAFAST RECTIFIER
MUR3005PT DIGITRON-MUR3005PT Datasheet
342Kb / 5P
30A ULTRAFAST RECTIFIER
logo
ON Semiconductor
FFH60UP60S ONSEMI-FFH60UP60S Datasheet
856Kb / 9P
60 A, 600 V Ultrafast Rectifier
September 2016 Rev. 1.6
RURG3060CC-F085 ONSEMI-RURG3060CC-F085 Datasheet
488Kb / 7P
Ultrafast Rectifier 30 A, 600 V
February, 2020 - Rev. 4
RURG3060-F085 ONSEMI-RURG3060-F085 Datasheet
5Mb / 7P
Ultrafast Rectifier 30 A, 600 V
March, 2020 - Rev. 4
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com