Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDR6RAS Datasheet (PDF) - Solid States Devices, Inc

SDR6RAS Datasheet PDF - Solid States Devices, Inc
Part # SDR6RAS
Download  SDR6RAS Download
File Size   158.45 Kbytes
Page   2 Pages
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc
Description 6A 5 關sec 1400 to 1800 V Standard Recovery Rectifier

SDR6RAS Datasheet (PDF)

Go To PDF Page Download Datasheet
SDR6RAS Datasheet PDF - Solid States Devices, Inc

Part # SDR6RAS
Download  SDR6RAS Click to download

File Size   158.45 Kbytes
Page   2 Pages
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc
Description 6A 5 關sec 1400 to 1800 V Standard Recovery Rectifier

SDR6RAS Datasheet (HTML) - Solid States Devices, Inc


SDR6RAS Product details

Features:
• Standard Recovery: 5 usec Maximum
• High Surge Rating: 75 Amps @ 8.3 mS and 500A @ 100 μS
• Low Reverse Leakage Current: 5 μA
• Low Junction Capacitance: 40 pF
• Low Thermal Resistance: 8 - 12 ºC/W
• Single Chip Construction
• Available in Fast and Ultra Fast Speeds. Consult Factory.
• TX, TXV, and S Level Screening2/




Similar Part No. - SDR6RAS

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR6RAS SSDI-SDR6RAS Datasheet
142Kb / 2P
6A 5 usec 1400 to 1800V Standard Recovery Rectifier
More results


Similar Description - SDR6RAS

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1F10 MCC-1F10 Datasheet
201Kb / 2P
0.5 Amp Fast Recovery Rectifier 1000 to 1800 Volts
logo
Solid States Devices, I...
SPD5550 SSDI-SPD5550 Datasheet
99Kb / 2P
5 AMPS, 200 thru 1000 VOLTS 2 關sec STANDARD RECOVERY RECTIFIER
SDR9400S10 SSDI-SDR9400S10 Datasheet
126Kb / 2P
400 AMPS 1000 ??2000 VOLTS 25 關sec STANDARD RECOVERY HIGH CURRENT RECTIFIER
SDR6W SSDI-SDR6W_1 Datasheet
142Kb / 2P
6A 5 usec 1400 to 1800V Standard Recovery Rectifier
logo
Shanghai Lunsure Electr...
1F10 CHENYI-1F10 Datasheet
170Kb / 2P
0.5 Amp Fast Recovery Rectifier 1000 to 1800 Volts
logo
Micro Commercial Compon...
1F10 MCC-1F10_08 Datasheet
437Kb / 3P
0.5 Amp Fast Recovery Rectifier 1000 to 1800 Volts
logo
Vishay Siliconix
SD1100C04C VISHAY-SD1100C04C_12 Datasheet
168Kb / 8P
Standard Recovery Diodes (Hockey PUK Version), 1400 A
14-May-08
logo
Diodes Incorporated
PDU620 DIODES-PDU620_15 Datasheet
127Kb / 4P
6A ULTRA-FAST RECOVERY RECTIFIER PowerDI 5
Rev erse
PDU620CT DIODES-PDU620CT_15 Datasheet
121Kb / 4P
6A DUAL ULTRA-FAST RECOVERY RECTIFIER PowerDI 5
Rev erse
logo
Vishay Siliconix
VS-SD1100CC VISHAY-VS-SD1100CC Datasheet
214Kb / 8P
Standard Recovery Diodes (Hockey PUK Version), 1400 A
14-Jan-14
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com