Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCEAP40ND80G Datasheet (PDF) - Wuxi NCE Power Semiconductor Co., Ltd

NCEAP40ND80G Datasheet PDF - Wuxi NCE Power Semiconductor Co., Ltd
Part # NCEAP40ND80G
Download  NCEAP40ND80G Download
File Size   681.52 Kbytes
Page   6 Pages
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd
Description NCE Automotive N-Channel Super Trench Power MOSFET

NCEAP40ND80G Datasheet (PDF)

Go To PDF Page Download Datasheet
NCEAP40ND80G Datasheet PDF - Wuxi NCE Power Semiconductor Co., Ltd

Part # NCEAP40ND80G
Download  NCEAP40ND80G Click to download

File Size   681.52 Kbytes
Page   6 Pages
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd
Description NCE Automotive N-Channel Super Trench Power MOSFET

NCEAP40ND80G Datasheet (HTML) - Wuxi NCE Power Semiconductor Co., Ltd


NCEAP40ND80G Product details

Description
The NCEAP40ND80G uses Super Trench technology that is
uniquely optimized to provide the most efficient high frequency
switching performance. Both conduction and switching power
losses are minimized due to an extremely low combination of
RDS(ON) and Qg. This device is ideal for high-frequency switching
and synchronous rectification.

Application
● Automotive application
● DC/DC Converter
● Ideal for high-frequency switching and synchronous rectification

General Features
● VDS =40V,ID =90A
RDS(ON)=4.3mΩ (typical) @VGS=10V
RDS(ON)=5.5mΩ (typical) @VGS=4.5V
● Excellent gate charge x RDS(on) product(FOM)
● Very low on-resistance RDS(on)
● 175 °C operating temperature
● Pb-free lead plating
● 100% UIS tested
● 100% ΔVds tested
● AEC-Q101 qualified




Similar Part No. - NCEAP40ND80G

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCEAP40ND40AG NCEPOWER-NCEAP40ND40AG Datasheet
725Kb / 6P
NCE Automotive N-Channel Super Trench Power MOSFET
V4.0
NCEAP40ND40G NCEPOWER-NCEAP40ND40G Datasheet
698Kb / 6P
NCE Automotive N-Channel Super Trench Power MOSFET
V1.0
NCEAP40ND60AG NCEPOWER-NCEAP40ND60AG Datasheet
732Kb / 6P
NCE N-Channel Super Trench Power MOSFET
V1.0
More results


Similar Description - NCEAP40ND80G

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCEP01T11 NCEPOWER-NCEP01T11 Datasheet
326Kb / 7P
NCE N-Channel Super Trench Power MOSFET
NCEP15T11 NCEPOWER-NCEP15T11 Datasheet
370Kb / 7P
NCE N-Channel Super Trench Power MOSFET
NCEP15T11J NCEPOWER-NCEP15T11J Datasheet
372Kb / 7P
NCE N-Channel Super Trench Power MOSFET
NCEP15T11T NCEPOWER-NCEP15T11T Datasheet
347Kb / 7P
NCE N-Channel Super Trench Power MOSFET
NCEP85T25D NCEPOWER-NCEP85T25D Datasheet
321Kb / 7P
NCE N-Channel Super Trench Power MOSFET
NCEP0114AS NCEPOWER-NCEP0114AS Datasheet
463Kb / 7P
NCE N-Channel Super Trench Power MOSFET
NCEP01T18T NCEPOWER-NCEP01T18T Datasheet
340Kb / 7P
NCE N-Channel Super Trench Power MOSFET
NCEP85T12 NCEPOWER-NCEP85T12 Datasheet
327Kb / 7P
NCE N-Channel Super Trench Power MOSFET
NCEP8588 NCEPOWER-NCEP8588 Datasheet
343Kb / 7P
NCE N-Channel Super Trench Power MOSFET
NCEP30T12G NCEPOWER-NCEP30T12G Datasheet
438Kb / 6P
NCE N-Channel Super Trench Power MOSFET
V1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com