Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3145 Datasheet (PDF) - RF Micro Devices

RF3145 Datasheet PDF - RF Micro Devices
Part # RF3145
Download  RF3145 Download
File Size   142.82 Kbytes
Page   18 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description QUAD-BAND GSM/EDGE/GSM850/DCS/PCS POWER AMPLIFIER MODULE

RF3145 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF3145 Datasheet PDF - RF Micro Devices

Part # RF3145
Download  RF3145 Click to download

File Size   142.82 Kbytes
Page   18 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description QUAD-BAND GSM/EDGE/GSM850/DCS/PCS POWER AMPLIFIER MODULE

RF3145 Datasheet (HTML) - RF Micro Devices


RF3145 Product details

Product Description
The RF3145 is a high power, high efficiency power amplifier module with integrated power control. This module is self-contained with 50Ω input and output terminals. The device is manufactured on an advance Gallium Arsenide Heterojunction Bipolar Transistor (HBT) process, and has been designed for use as the final dual-mode GMSK/8PSK RF amplifier in GSM, DCS and PCS hand-held cellular equipment and other applications in the 824MHz to 849MHz, 880MHz to 915MHz, and in the 1710MHz to 1910MHz bands. Internal band select provides control to select the GSM850/GSM900 or DCS/PCS band. The device is packaged on ultra-small LCC, minimizing the required board space.

Features
■ Integrated Power Control & Band Select
■ Single 3.0V to 4.8V Supply Voltage
■ +35.0dBm GSM Output Pwr at 3.5V
■ +33dBm DCS/PCS Output Pwr at 3.5V
■ +29dBm 8PSK Output Pwr
■ 53% GSM and 50% DCS/PCS PAE

Applications
■ 3V Dual/Triple/Quad-Band Mode Handsets
■ Portable Battery-Powered Equipment
■ GSM850 and GSM900 Products
■ Commercial and Consumer Systems
■ EDGE and GPRS Class 12 Compatible
■ DCS/PCS Products




Similar Part No. - RF3145

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3145 RFMD-RF3145 Datasheet
310Kb / 18P
QUAD-BAND GSM/EDGE/GSM850/DCS/PCS POWER AMPLIFIER MODULE
RF3145PCBA-41X RFMD-RF3145PCBA-41X Datasheet
310Kb / 18P
QUAD-BAND GSM/EDGE/GSM850/DCS/PCS POWER AMPLIFIER MODULE
RF3145 RFMD-RF3145_1 Datasheet
310Kb / 18P
QUAD-BAND GSM/EDGE/GSM850/DCS/PCS POWER AMPLIFIER MODULE
More results


Similar Description - RF3145

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RF3133 RFM-RF3133 Datasheet
191Kb / 16P
QUAD-BAND GSM850/GSM/DCS/PCS POWER AMP MODULE
logo
TriQuint Semiconductor
TQM7M4022 TRIQUINT-TQM7M4022 Datasheet
152Kb / 13P
3V Quad-Band GSM850/900/DCS/PCS Power Amplifier Module
logo
RF Micro Devices
RF3158 RFMD-RF3158 Datasheet
610Kb / 26P
QUAD-BAND GSM/EDGE/GSM850/EGSM900 /DCS/PCS POWER AMPLIFIER MODULE
RF3159 RFMD-RF3159 Datasheet
567Kb / 26P
QUAD-BAND GSM/EDGE/GSM850/EGSM900 /DCS/PCS/POWER AMPLIFIER MODULE
RF3145 RFMD-RF3145_1 Datasheet
310Kb / 18P
QUAD-BAND GSM/EDGE/GSM850/DCS/PCS POWER AMPLIFIER MODULE
RF3133 RFMD-RF3133_05 Datasheet
200Kb / 16P
QUAD-BAND GSM850/GSM/DCS/PCS POWER AMP MODULE
logo
TriQuint Semiconductor
TQM7M4007 TRIQUINT-TQM7M4007_15 Datasheet
91Kb / 1P
3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
TQM7M5012H TRIQUINT-TQM7M5012H_15 Datasheet
107Kb / 1P
3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
logo
RF Micro Devices
RF3183 RFMD-RF3183 Datasheet
1Mb / 20P
QUAD-BAND/GSM850/EGSM900 /DCS/PCS/POWER AMPLIFIER MODULE
logo
Qorvo, Inc
TQM7M5022 QORVO-TQM7M5022 Datasheet
59Kb / 1P
3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com