Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1706262 Datasheet (PDF) - PHOENIX CONTACT

1706262 Datasheet PDF - PHOENIX CONTACT
Part # 1706262
Download  1706262 Download
File Size   584.79 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FMC 0,5/ 3-ST-2,54 C1 - PCB connectors

1706262 Datasheet (PDF)

Go To PDF Page Download Datasheet
1706262 Datasheet PDF - PHOENIX CONTACT

Part # 1706262
Download  1706262 Click to download

File Size   584.79 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FMC 0,5/ 3-ST-2,54 C1 - PCB connectors

1706262 Datasheet (HTML) - PHOENIX CONTACT


1706262 Product details

PCB connector, nominal cross section: 0.5 mm2, color: black, nominal current: 6 A, rated voltage
(III/2): 160 V, contact surface: Gold, contact connection type: Socket, number of potentials: 3,
number of rows: 1, number of positions: 3, number of connections: 3, product range: FMC 0,5/..-
ST, pitch: 2.54 mm, connection method: Push-in spring connection, conductor/PCB connection
direction: 0 °, plug-in system: COMBICON FMC 0,5, locking: without, mounting: without, type of
packaging: packed in cardboard, Fixed coding of the first position, can be combined with MC(V)
0,5/...-G-2,54...C1 headers

Your advantages
• Gold-plated contacts ensure transfer quality remains stable over the long term
• Time saving push-in connection, tools not required
• Defined contact force ensures that contact remains stable over the long term
• Intuitive operation due to color-coded actuating push button
• Optimized for tight installation situations: operation and conductor connection from one direction




Similar Part No. - 1706262

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1706260 PHOENIX-1706260 Datasheet
59Kb / 4P
Printed-circuit board connector - FK-MC 0,5/ 2-ST-2,5 KMGYLP:-,
1706261 PHOENIX-1706261 Datasheet
185Kb / 11P
Printed-circuit board connector - FMC 0,5/ 4-ST-2,54 C1
1706263 PHOENIX-1706263 Datasheet
177Kb / 10P
Printed-circuit board connector - FMC 0,5/ 2-ST-2,54 C1
1706264 PHOENIX-1706264 Datasheet
192Kb / 5P
IDC 0,3/11-3,81
More results


Similar Description - 1706262

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1706246 PHOENIX-1706246 Datasheet
180Kb / 11P
Printed-circuit board connector - FMC 0,5/15-ST-2,54 C1
1706247 PHOENIX-1706247 Datasheet
182Kb / 11P
Printed-circuit board connector - FMC 0,5/14-ST-2,54 C1
1706250 PHOENIX-1706250 Datasheet
182Kb / 11P
Printed-circuit board connector - FMC 0,5/12-ST-2,54 C1
1706252 PHOENIX-1706252 Datasheet
180Kb / 11P
Printed-circuit board connector - FMC 0,5/11-ST-2,54 C1
1706253 PHOENIX-1706253 Datasheet
179Kb / 10P
Printed-circuit board connector - FMC 0,5/10-ST-2,54 C1
1706258 PHOENIX-1706258 Datasheet
182Kb / 11P
Printed-circuit board connector - FMC 0,5/ 6-ST-2,54 C1
1706259 PHOENIX-1706259 Datasheet
183Kb / 11P
Printed-circuit board connector - FMC 0,5/ 5-ST-2,54 C1
1706261 PHOENIX-1706261 Datasheet
185Kb / 11P
Printed-circuit board connector - FMC 0,5/ 4-ST-2,54 C1
1706263 PHOENIX-1706263 Datasheet
177Kb / 10P
Printed-circuit board connector - FMC 0,5/ 2-ST-2,54 C1
1821106 PHOENIX-1821106 Datasheet
183Kb / 11P
Printed-circuit board connector - FMC 0,5/ 3-ST-2,54
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com