Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3161 Datasheet (PDF) - RF Micro Devices

RF3161 Datasheet PDF - RF Micro Devices
Part # RF3161
Download  RF3161 Download
File Size   101.2 Kbytes
Page   2 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE

RF3161 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF3161 Datasheet PDF - RF Micro Devices

Part # RF3161
Download  RF3161 Click to download

File Size   101.2 Kbytes
Page   2 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE

RF3161 Datasheet (HTML) - RF Micro Devices


RF3161 Product details

Product Description
The RF3161 is a high-power, high-efficiency power amplifier module with integrated power control that provides over 50dB of control range. The device is a self-contained 6mmx6mmx1mm module with 50Ω input and output terminals. The device is designed for use as the final RF amplifier in GSM850, EGSM900, DCS and PCS handheld digital cellular equipment and other applications in the 824MHz to 849MHz, 880MHz to 915MHz, 1710MHz to 1785MHz and 1850MHz to 1910MHz bands. The RF3161 can be used for GSM and Polar Mod EDGE applications. The RF3161 requires no external routing or external components, simplifying layout and reducing board space.

Features
■ Ultra-Small, Ultra-Thin 6mmx6mmx1mm Package Size
■ Integrated VREG
■ Complete Power Control Solution
■ Large Signal Polar Modulation EDGE Compatible
■ No External Components or Routing
■ Improved Power Flatness through Integrated Current Limiter. 2.5A Maximum Current Draw over VSWR, all Phase Angles.

Applications
• 3V Quad-Band GSM and EDGE Handsets
• EDGE Capable Large Signal Polar Modulation Handsets
• Portable Battery-Powered Equipment
• GSM850/EGSM900/DCS/PC S Products
• GPRS Class 12
• Power StarTM Module




Similar Part No. - RF3161

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
RF316 SAMTEC-RF316 Datasheet
220Kb / 1P
Cable Assemblies
RF316 SAMTEC-RF316 Datasheet
156Kb / 1P
Cable Assemblies
Rev 01MAY21
RF316-01BJ1-01BJ1-0100 SAMTEC-RF316-01BJ1-01BJ1-0100 Datasheet
1Mb / 7P
RF316 OR RF-174 CABLE ASSEMBLY
09-10-2010
RF316-01BJ1-01BR1-0100 SAMTEC-RF316-01BJ1-01BR1-0100 Datasheet
1Mb / 7P
RF316 OR RF-174 CABLE ASSEMBLY
09-10-2010
RF316-01BJ1-01RP1-0100 SAMTEC-RF316-01BJ1-01RP1-0100 Datasheet
1Mb / 7P
RF316 OR RF-174 CABLE ASSEMBLY
09-10-2010
More results


Similar Description - RF3161

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3146 RFMD-RF3146 Datasheet
317Kb / 18P
QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3146 RFMD-RF3146_06 Datasheet
268Kb / 18P
QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3140 RFMD-RF3140 Datasheet
206Kb / 16P
QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3166 RFMD-RF3166 Datasheet
239Kb / 14P
QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF5146 RFMD-RF5146 Datasheet
1,012Kb / 18P
QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF5146 RFMD-RF5146_1 Datasheet
625Kb / 13P
QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3196 RFMD-RF3196 Datasheet
285Kb / 16P
QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3166 RFMD-RF3166_1 Datasheet
390Kb / 16P
QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3146 RFMD-RF3146_1 Datasheet
155Kb / 6P
QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3140 RFMD-RF3140_1 Datasheet
354Kb / 16P
QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com