Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3163 Datasheet (PDF) - RF Micro Devices

RF3163 Datasheet PDF - RF Micro Devices
Part # RF3163
Download  RF3163 Download
File Size   89.9 Kbytes
Page   10 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 3V 900MHZ LINEAR POWER AMPLIFIER MODULE

RF3163 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF3163 Datasheet PDF - RF Micro Devices

Part # RF3163
Download  RF3163 Click to download

File Size   89.9 Kbytes
Page   10 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 3V 900MHZ LINEAR POWER AMPLIFIER MODULE

RF3163 Datasheet (HTML) - RF Micro Devices


RF3163 Product details

Product Description
The RF3163 is a high-power, high-efficiency linear amplifier module specifically designed for 3V handheld systems. The device is manufactured on an advanced third generation GaAs HBT process, and was designed for use as the final RF amplifier in 3V IS-95/CDMA2000-1X/AMPS/W-CDMA handheld digital cellular equipment, spread-spectrum systems, and other applications in the 824MHz to 849MHz band. The RF3163 has a digital control line for low power applications to lower quiescent current. The RF3163 is assembled in a 16-pin, 3mmx3mm, QFN package.

Features
■ Input Internally Matched@50Ω
■ Output Internally Matched
■ 28dBm Linear Output Power
■ 41% Peak Linear Efficiency - CDMA
■ -51dBc ACPR @ 885kHz
■ 55% AMPS Efficiency

Applications
■ 3V CDMA/AMPS Cellular Handset
■ 3V CDMA2000/1XRTT Cellular Handset
■ 3V W-CDMA US-Cellular Handset
■ 3V CDMA2000/1X-EV-DO USCellular Handset
■ Spread-Spectrum System




Similar Part No. - RF3163

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3163 RFMD-RF3163 Datasheet
216Kb / 10P
3V 900MHZ LINEAR POWER AMPLIFIER MODULE
RF3163PCBA-41X RFMD-RF3163PCBA-41X Datasheet
216Kb / 10P
3V 900MHZ LINEAR POWER AMPLIFIER MODULE
RF3163 RFMD-RF3163_1 Datasheet
216Kb / 10P
3V 900MHZ LINEAR POWER AMPLIFIER MODULE
More results


Similar Description - RF3163

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3100-2 RFMD-RF3100-2 Datasheet
118Kb / 6P
3V 900MHZ LINEAR AMPLIFIER MODULE
RF3105 RFMD-RF3105 Datasheet
124Kb / 6P
3V 900MHZ LINEAR AMPLIFIER MODULE
RF3117 RFMD-RF3117 Datasheet
118Kb / 6P
3V 900MHZ LINEAR AMPLIFIER MODULE
RF6100-1 RFMD-RF6100-1 Datasheet
67Kb / 6P
3V 900MHZ LINEAR POWER AMPLIFIER MODULE
RF3300-2 RFMD-RF3300-2 Datasheet
106Kb / 8P
3V 900MHz LINEAR AMPLIFIER MODULE
RF2192 RFMD-RF2192_06 Datasheet
174Kb / 10P
3V 900MHz LINEAR POWER AMPLIFIER
RF6100-1 RFMD-RF6100-1_06 Datasheet
60Kb / 6P
3V 900MHZ LINEAR POWER AMPLIFIER MODULE
RF6263 RFMD-RF6263 Datasheet
161Kb / 8P
3V 900MHZ LINEAR POWER AMPLIFIER MODULE
RF6100-1 RFMD-RF6100-1_1 Datasheet
165Kb / 8P
3V 900MHZ LINEAR POWER AMPLIFIER MODULE
RF3163 RFMD-RF3163_1 Datasheet
216Kb / 10P
3V 900MHZ LINEAR POWER AMPLIFIER MODULE
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com