Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM3003S6V Datasheet (PDF) - Rectron Semiconductor

RM3003S6V Datasheet PDF - Rectron Semiconductor
Part # RM3003S6V
Download  RM3003S6V Download
File Size   532.43 Kbytes
Page   11 Pages
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor
Description N and P-Channel Enhancement Mode Power MOSFET

RM3003S6V Datasheet (PDF)

Go To PDF Page Download Datasheet
RM3003S6V Datasheet PDF - Rectron Semiconductor

Part # RM3003S6V
Download  RM3003S6V Click to download

File Size   532.43 Kbytes
Page   11 Pages
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor
Description N and P-Channel Enhancement Mode Power MOSFET

RM3003S6V Datasheet (HTML) - Rectron Semiconductor


RM3003S6V Product details

General Features
N-Channel
Vds =30V,Id = 3.5A
Rds(on) <58mΩ @ Ves=10V
Rds(on) < 95mΩ @ Ves=4.5V
P-Channel
Vps =-30V,Ip = -2.7A
Rds(on) < 100mΩ @ Ves=-10V
Rds(on) < 150mΩ @ Ves=-4.5V
Low On-Resistance
Low Input Capacitance
Fast Switching Speed
Low Input/Output Leakage
Halogen-free
P/N suffix V means AEC-Q101 qualified, e.g:RM3003S6V




Similar Part No. - RM3003S6V

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RM3003S6 RECTRON-RM3003S6 Datasheet
437Kb / 12P
N and P-Channel Enhancement Mode Power MOSFET
2018-09/15 REV:O
More results


Similar Description - RM3003S6V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP2030M ETC-AP2030M Datasheet
112Kb / 11P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Advanced Power Electron...
AP2530GY A-POWER-AP2530GY Datasheet
85Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GSS4503 GTM-GSS4503 Datasheet
557Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4565 GTM-GSS4565 Datasheet
559Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GT2530 GTM-GT2530 Datasheet
390Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Advanced Power Electron...
AP4511GED A-POWER-AP4511GED Datasheet
120Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4506GEM A-POWER-AP4506GEM Datasheet
123Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4501GM A-POWER-AP4501GM Datasheet
212Kb / 8P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4506GEH-HF A-POWER-AP4506GEH-HF Datasheet
116Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
E-Tech Electronics LTD
GT2531 ETL-GT2531 Datasheet
394Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com