Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1935145 Datasheet (PDF) - PHOENIX CONTACT

1935145 Datasheet PDF - PHOENIX CONTACT
Part # 1935145
Download  1935145 Download
File Size   244.61 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PT 1,5/15-PVH-5,0-A - PCB connector

1935145 Datasheet (PDF)

Go To PDF Page Download Datasheet
1935145 Datasheet PDF - PHOENIX CONTACT

Part # 1935145
Download  1935145 Click to download

File Size   244.61 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PT 1,5/15-PVH-5,0-A - PCB connector

1935145 Datasheet (HTML) - PHOENIX CONTACT


1935145 Product details

PCB connector, nominal cross section: 1.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 400 V, contact surface: Tin, contact connection type: Socket, number of potentials:
15, number of rows: 1, number of positions: 15, number of connections: 15, product range: PT
1,5/..-PVH-A, pitch: 5 mm, connection method: Screw connection with wire protector, screw head
form: H1L Slotted Phillips recess, conductor/PCB connection direction: 0 °, plug-in system:
COMBICON PST 1,3, locking: without, mounting: without, type of packaging: packed in
cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• High terminal block capacity thanks to rectangular terminal block space
• Allows connection of two conductors
• Horizontal and vertical connection option for optimum conductor routing
• Items that can be aligned in various pitches support flexible and space-saving PCB assembly




Similar Part No. - 1935145

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
19351 ETC2-19351 Datasheet
1Mb / 4P
Calibration Unit for Testers Installation, Operation and Maintenance
logo
DESCO INDUSTRIES INC
19351 DESCO-19351 Datasheet
399Kb / 3P
Calibration Unit for Testers Installation, Operation and Maintenance
February 2019
logo
PHOENIX CONTACT
1935103 PHOENIX-1935103 Datasheet
244Kb / 9P
PT 1,5/11-PVH-5,0-A - PCB connector
1935116 PHOENIX-1935116 Datasheet
210Kb / 7P
PT 1,5/12-PVH-5,0-A - PCB connector
1935129 PHOENIX-1935129 Datasheet
210Kb / 7P
PT 1,5/13-PVH-5,0-A - PCB connector
More results


Similar Description - 1935145

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1934900 PHOENIX-1934900 Datasheet
74Kb / 5P
PCB terminal block - PT 1,5/ 6-PVH-5,0
1934926 PHOENIX-1934926 Datasheet
74Kb / 5P
PCB terminal block - PT 1,5/ 8-PVH-5,0
1934939 PHOENIX-1934939 Datasheet
74Kb / 5P
PCB terminal block - PT 1,5/ 9-PVH-5,0
1934942 PHOENIX-1934942 Datasheet
74Kb / 5P
PCB terminal block - PT 1,5/10-PVH-5,0
1934955 PHOENIX-1934955 Datasheet
121Kb / 5P
PT 1,5/11-PVH-5,0
1987465 PHOENIX-1987465 Datasheet
42Kb / 2P
PCB terminal block - PT 1,5/ 2-PVH-5,0-A BK
1987478 PHOENIX-1987478 Datasheet
42Kb / 2P
PCB terminal block - PT 1,5/ 3-PVH-5,0-A BK
1987481 PHOENIX-1987481 Datasheet
42Kb / 2P
PCB terminal block - PT 1,5/ 4-PVH-5,0-A BK
1987494 PHOENIX-1987494 Datasheet
42Kb / 2P
PCB terminal block - PT 1,5/ 5-PVH-5,0-A BK
1984141 PHOENIX-1984141 Datasheet
430Kb / 12P
PT 1,5/15-PVH-3,5 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com