Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA5246 Datasheet (PDF) - NXP Semiconductors

SAA5246 Datasheet PDF - NXP Semiconductors
Part # SAA5246
Download  SAA5246 Download
File Size   630.52 Kbytes
Page   50 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Integrated VIP and Teletext IVT1.0

SAA5246 Datasheet (PDF)

Go To PDF Page Download Datasheet
SAA5246 Datasheet PDF - NXP Semiconductors

Part # SAA5246
Download  SAA5246 Click to download

File Size   630.52 Kbytes
Page   50 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Integrated VIP and Teletext IVT1.0

SAA5246 Datasheet (HTML) - NXP Semiconductors


SAA5246 Product details

DESCRIPTION

The SAA5246A is a single-chip teletext decoder IC for decoding 625 line base World System Teletext transmissions. The teletext decoder hardware is based on the Enhanced Computer Controlled ECCT device (SAA5243) with some additional features.



FEATURES

• Complete Teletext decoder in a 48-pin DIL or 64-pin QFP, integrated circuit

• Single+5 V power supply

• Both video and scan related synchronization modes are supported

• RGB interface to standard colour decoder ICs, push-pull output drive

• Digital data slicer and display clock phase-locked loop reduce peripheral components to a minimum

• Data capture performance similar to SAA5231 (VIP2)

• Option for up to seven national languages

• Optional storage of packet 24 in the display memory

• Separate text and video signal quality detectors, 625/525 video status and language version all readable via I2C-bus




Similar Part No. - SAA5246

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SAA5243 ETC-SAA5243 Datasheet
2Mb / 34P
ENHANCED COMPUTER CONTROLLED TELETEXT CIRCUITS
SAA5243E ETC-SAA5243E Datasheet
2Mb / 34P
ENHANCED COMPUTER CONTROLLED TELETEXT CIRCUITS
SAA5243H ETC-SAA5243H Datasheet
2Mb / 34P
ENHANCED COMPUTER CONTROLLED TELETEXT CIRCUITS
SAA5243K ETC-SAA5243K Datasheet
2Mb / 34P
ENHANCED COMPUTER CONTROLLED TELETEXT CIRCUITS
SAA5243L ETC-SAA5243L Datasheet
2Mb / 34P
ENHANCED COMPUTER CONTROLLED TELETEXT CIRCUITS
More results


Similar Description - SAA5246

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA5244A PHILIPS-SAA5244A Datasheet
198Kb / 32P
Integrated VIP and teletext decoder IVT1.1
March 1992
SAA5249 PHILIPS-SAA5249 Datasheet
821Kb / 44P
Integrated VIP and Teletext with Background Memory Controller IVT1.1BMCX
1996 Nov 07
SAA5254 PHILIPS-SAA5254 Datasheet
805Kb / 36P
Integrated VIP and teletext decoder IVT1.1X
1996 Nov 07
SAA5281 PHILIPS-SAA5281 Datasheet
1Mb / 48P
Integrated Video input processor and Teletext decoder IVT1.8
1996 Nov 04
logo
STMicroelectronics
STV5347 STMICROELECTRONICS-STV5347 Datasheet
506Kb / 22P
MONOCHIP TELETEXT AND VPS DECODER WITH 4 INTEGRATED PAGES
Jun-1997
STV5348 STMICROELECTRONICS-STV5348 Datasheet
684Kb / 22P
MONOCHIP TELETEXT AND VPS DECODER WITH 8 INTEGRATED PAGES
Sep-1998
logo
NXP Semiconductors
SAA5X9X PHILIPS-SAA5X9X Datasheet
612Kb / 68P
Economy teletext and TV microcontrollers
1997 Jul 07
logo
STMicroelectronics
STV5248 STMICROELECTRONICS-STV5248 Datasheet
547Kb / 30P
MONOCHIP TELETEXT AND VPS DECODER WITH 8 INTEGRATED PAGES
28-May-2004
STV5345 STMICROELECTRONICS-STV5345 Datasheet
579Kb / 25P
TELETEXT DECODER WITH 8 INTEGRATED PAGES
Apr-1994
STV5346 STMICROELECTRONICS-STV5346 Datasheet
471Kb / 21P
MONOCHIP TELETEXT DECODER WITH 8 INTEGRATED PAGES
Nov-1995
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com