Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2003719 Datasheet (PDF) - Infinite Electronics International, Inc.

2003719 Datasheet PDF - Infinite Electronics International, Inc.
Part # 2003719
Download  2003719 Download
File Size   206.21 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description PROFINET Cat.5e

2003719 Datasheet (PDF)

Go To PDF Page Download Datasheet
2003719 Datasheet PDF - Infinite Electronics International, Inc.

Part # 2003719
Download  2003719 Click to download

File Size   206.21 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description PROFINET Cat.5e

2003719 Datasheet (HTML) - Infinite Electronics International, Inc.


2003719 Product details

USE OF CABLE
as a data cable for the transmission of digital and analog signals for
PROFINET systems, Industrial Ethernet & ICT network applications. For
fixed applications & limited flexible applications in harsh industrial
environments for industrial machinery, decices and cabinet wiring.
Standard acc. Profinet Spec. & according the requirements for industrial
secondary & and tertiary cabling: EN 50173, ISO / IEC 11801, TIA / EIA
568, TSB36, EN 50288, IEC 61156-5/-6
SPECIAL FEATURES
largely resistant to grease, coolant fluids and lubricants
oil-resistant: PUR & PVC acc.to DIN EN 60811-2-1 (PVC only mineral
oil)
Marine MUD acc.to NEK 606 (drilling mud)
UV-resistant: PUR; FEP; PVC & PE black; CMG & CMX types
optimized EMC compliant shielding
2 pairs: 10/100 Mbit / s for Industrial Ethernet
HF-characteristics Cat.5e acc. to IEC 61156-5 (AWG22), IEC 61156-6
(AWG24) max. cable lengths at stated transmission rate:
Typ A: 100Mbit/s - max.100m | Typ B: 100Mbit/s - max.85m
REMARKS
conform to RoHS // LABS-/silicone-free (during production)
conform to 2014/35/EU-Guideline ("Low-Voltage Directive") CE
FRNC: Flame Retardant, Non Corrosive
FC-Type = 'fast-connect' construction
Typ A: for fixed laying | Typ B: for flexible applications




Similar Part No. - 2003719

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
20037 HONEYWELL-ACC-20037 Datasheet
347Kb / 6P
Other AC and DC Meters Available
logo
SUYIN USA, INC.
200372FS SUYIN-USA-200372FS Datasheet
162Kb / 1P
2.0mm BATTERY FEMALE DIP TYPE
logo
Weidmuller
2003750000 WEIDMULLER-2003750000 Datasheet
559Kb / 6P
Dekafix, Terminal marker, 5 x 3.5 mm, Pitch in mm
2003770000 WEIDMULLER-2003770000 Datasheet
385Kb / 20P
AL4C 2.5
May 23, 2023 9:04:20 PM
2003770000 WEIDMULLER-2003770000 Datasheet
388Kb / 20P
AL4C 2.5 OR
May 23, 2023 9:04:58 PM
More results


Similar Description - 2003719

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
1225021-20 QUALTEK-1225021-20 Datasheet
430Kb / 1P
CAT 5e UTP 8P8C
1225022-25 QUALTEK-1225022-25 Datasheet
431Kb / 1P
CAT 5e UTP 8P8C
1225024-25 QUALTEK-1225024-25 Datasheet
430Kb / 1P
CAT 5e UTP 8P8C
1225025-01 QUALTEK-1225025-01 Datasheet
429Kb / 1P
CAT 5e UTP 8P8C
1225028-03 QUALTEK-1225028-03 Datasheet
430Kb / 1P
CAT 5e UTP 8P8C
1225034-07 QUALTEK-1225034-07 Datasheet
430Kb / 1P
CAT 5e UTP 8P8C
1225037-10 QUALTEK-1225037-10 Datasheet
430Kb / 1P
CAT 5e UTP 8P8C
1225043-20 QUALTEK-1225043-20 Datasheet
430Kb / 1P
CAT 5e UTP 8P8C
logo
List of Unclassifed Man...
PB00034 ETC2-PB00034 Datasheet
4Mb / 4P
DataTuff Cat 5e PROFINET Cables from Belden
logo
Belden Inc.
BE43769 BELDEN-BE43769 Datasheet
158Kb / 3P
RailTuff Cat 5e, PROFINET, AWG 22 (19)
2022 Belden, Inc
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com