Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5532 Datasheet (PDF) - Analog Devices

ADRF5532 Datasheet PDF - Analog Devices
Part # ADRF5532
Download  ADRF5532 Download
File Size   688.08 Kbytes
Page   11 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.3 GHz to 2.7 GHz, Receiver Front End

ADRF5532 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADRF5532 Datasheet PDF - Analog Devices

Part # ADRF5532
Download  ADRF5532 Click to download

File Size   688.08 Kbytes
Page   11 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.3 GHz to 2.7 GHz, Receiver Front End

ADRF5532 Datasheet (HTML) - Analog Devices


ADRF5532 Product details

GENERAL DESCRIPTION
The ADRF5532 is an integrated RF, front-end multichip module
designed for time division duplex (TDD) applications. The device
operates from 2.3 GHz to 2.7 GHz. The ADRF5532 is configured
with a low-noise amplifier (LNA) and a high-power, silicon, single
pole double throw (SPDT) switch.
In the receive operation at 2.6 GHz, the LNA offers a low noise
figure (NF) of 1.2 dB and a high gain of 35.5 dB with a third order
input intercept point (IIP3) of −4 dBm.
In the transmit operation, the switch provides a low insertion loss of
0.7 dB and handles a long-term evolution (LTE) average power of
36.5 dBm for a full lifetime operation (8 dB peak to average ratio
(PAR)) and 39 dBm for a single event (<10 sec) LNA protection
operation.

FEATURES
► Integrated RF front end
► LNA and high-power silicon SPDT switch
► On-chip bias and matching
► Single-supply operation
► Gain: 35.5 dB typical at 2.6 GHz
► Gain flatness: 0.2 dB at 25°C across 400 MHz bandwidth
► Low noise figure: 1.2 dB typical at 2.6 GHz
► Low insertion loss: 0.7 dB typical at 2.6 GHz
► High-power handling at TCASE = 105°C
► Full lifetime
► LTE average power (8 dB PAR): 36.5 dBm
► Single event (<10 sec operation)
► LTE average power (8 dB PAR): 39 dBm
► High Input IP3: −4 dBm
► Low-supply current
► Receive operation: 118 mA typical at 5 V
► Transmit operation: 15 mA typical at 5 V
► Positive logic control
► 5 mm × 3 mm, 24-lead LFCSP package
► Pin compatible with the ADRF5534, 3.1 GHz to 4.2 GHz receiver
front end

APPLICATIONS
► Wireless infrastructure
► TDD massive multiple input and multiple output (MIMO) and
active antenna systems
► TDD-based communication systems




Similar Part No. - ADRF5532

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5534 AD-ADRF5534 Datasheet
685Kb / 11P
3.1 GHz to 4.2 GHz, Receiver Front End
Rev. 0
ADRF5534 AD-ADRF5534 Datasheet
686Kb / 11P
3.1 GHz to 4.2 GHz, Receiver Front End
Rev. A
ADRF5534-EVALZ AD-ADRF5534-EVALZ Datasheet
685Kb / 11P
3.1 GHz to 4.2 GHz, Receiver Front End
Rev. 0
ADRF5534-EVALZ AD-ADRF5534-EVALZ Datasheet
686Kb / 11P
3.1 GHz to 4.2 GHz, Receiver Front End
Rev. A
ADRF5534BCPZN AD-ADRF5534BCPZN Datasheet
685Kb / 11P
3.1 GHz to 4.2 GHz, Receiver Front End
Rev. 0
More results


Similar Description - ADRF5532

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5545A AD-ADRF5545A Datasheet
810Kb / 20P
Dual-Channel, 2.4 GHz to 4.2 GHz Receiver Front End
May-2019
ADRF5515 AD-ADRF5515 Datasheet
410Kb / 15P
Dual-Channel, 3.3 GHz to 4.0 GHz, 20 W Receiver Front End
11/2020-Revision 0
ADRF5519 AD-ADRF5519 Datasheet
1Mb / 16P
Dual-Channel, 2.3 GHz to 2.8 GHz, 20 W Receiver Front End
4/2021-Revision 0
ADRF5547 AD-ADRF5547 Datasheet
320Kb / 15P
Dual-Channel, 3.7 GHz to 5.3 GHz, Receiver Front End
6/2020-Rev. 0 to Rev. A
ADRF5549 AD-ADRF5549 Datasheet
325Kb / 15P
Dual-Channel, 1.8 GHz to 2.8 GHz, Receiver Front End
6/2020-Rev. 0 to Rev. A
ADRF5515A AD-ADRF5515A Datasheet
1Mb / 15P
Dual-Channel, 3.3 GHz to 4.0 GHz, 20 W Receiver Front End
6/2021-Revision 0
logo
NXP Semiconductors
BTS7203H NXP-BTS7203H Datasheet
343Kb / 22P
2.3 GHz ??2.7 GHz RX Analog Front-End IC
Rev. 7.1-12 October 2021
BTS7205H NXP-BTS7205H Datasheet
348Kb / 22P
2.3 GHz ??2.7 GHz RX Analog Front-End IC with bypass
Rev. 9-12 October 2021
BTS7202H NXP-BTS7202H Datasheet
443Kb / 23P
2.3 GHz – 2.7 GHz RX Front-End Module
Rev. 2 - 8 September 2022
logo
Analog Devices
ADRF5534 AD-ADRF5534 Datasheet
685Kb / 11P
3.1 GHz to 4.2 GHz, Receiver Front End
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com