Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A5000 Datasheet (PDF) - NXP Semiconductors

A5000 Datasheet PDF - NXP Semiconductors
Part # A5000
Download  A5000 Download
File Size   332.77 Kbytes
Page   25 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description EdgeLock Secure Authenticator

A5000 Datasheet (PDF)

Go To PDF Page Download Datasheet
A5000 Datasheet PDF - NXP Semiconductors

Part # A5000
Download  A5000 Click to download

File Size   332.77 Kbytes
Page   25 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description EdgeLock Secure Authenticator

A5000 Datasheet (HTML) - NXP Semiconductors


A5000 Product details

features
The A5000 provides a secure and efficient protection for authentication and anti-counterfeit use cases. The
efficiency of the security measures is proven by a Common Criteria EAL6+ certification.
The A5000 operates fully autonomously based on an authenticaton software ready to be used. The product
comes with a dedicated authentication application. Direct memory access is possible by the fixed functionalities
of the NXP Authentication application only. With that, the content from the memory is fully isolated from the host
system.
• Built on NXP Integral Security Architecture 3.0 ™
• CC EAL 6+ certified HW and OS
• Effective protection against advanced attacks, including Power Analysis and Fault Attacks of various kinds
• Multiple logical and physical protection layers, including metal shielding, end-to-end encryption, memory
encryption, tamper detection
• Support for ECC NIST asymmetric cryptography algorithms,
• Support for AES and DES symmetric cryptographic algorithms for encryption and decryption
• Support for AES Modes: CBC, ECB,CTR,GCM,CCM
• HMAC, CMAC, GMAC, SHA-256/384 operations
• HKDF key derivation function
• Small and very thin footprint HX2QFN20 package (3 × 3 mm) with max 0.33 mm height
• Extended temperature range (-40 °C to 105 °C)
• Standard physical interface I2C Target (Fast mode, up to 1 Mbit/s)
• Secured user flash memory of 8kB for secure data or key storage
• Support for SCP03 protocol (bus encryption and encrypted credential injection) to securely bind the host with
the secure authenticator
• TRNG compliant to NIST SP800-90B
• DRBG compliant to NIST SP800-90A
• Support for Automatic detection of the I2C T=1 protocol implementation based on the initial message
prologue. Supported protocols:
– NXP SE05x T=1 Over I2C Specification. See [1].
– APDU Transport over SPI/I2C v1.0 | GPC_SPE_172. See [6].
• Matter Ready: A5000 provides the necessary cryptographic functions to support the upcoming Matter
standard for connecting smart home devices.




Similar Part No. - A5000

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
A5000 NXP-A5000 Datasheet
377Kb / 26P
Edge Lock Secure Authenticator
Rev. 1.0 ??28 March 2022
A5000 NXP-A5000 Datasheet
333Kb / 25P
EdgeLock Secure Authenticator
Rev. 1.6 - 5 August 2024
A5000R2HQ1/Z016UZ NXP-A5000R2HQ1/Z016UZ Datasheet
1,014Kb / 7P
Plug & Trust Secure Authenticator
A5000 NXP-A5000_V02 Datasheet
333Kb / 25P
EdgeLock Secure Authenticator
Rev. 1.6 - 5 August 2024
More results


Similar Description - A5000

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS28E36EVKIT MAXIM-DS28E36EVKIT Datasheet
3Mb / 13P
DeepCover Secure Authenticator
Rev 0; 12/17
DS28E16 MAXIM-DS28E16 Datasheet
407Kb / 15P
1-Wire Secure SHA-3 Authenticator
Rev 1; 3/19
DS28E39 MAXIM-DS28E39 Datasheet
402Kb / 16P
DeepCover Secure ECDSA Bidirectional Authenticator with ChipDNA PUF Protection
Rev 0; 12/18
logo
NXP Semiconductors
A1006 NXP-A1006 Datasheet
555Kb / 18P
Secure Authenticator IC
Rev. 1-25 July 2018
logo
Maxim Integrated Produc...
DS1964S MAXIM-DS1964S Datasheet
599Kb / 13P
DeepCover Secure Authenticator iButton with SHA-256
Rev 0; 6/18
MAXAUTHDEMO MAXIM-MAXAUTHDEMO Datasheet
363Kb / 3P
DeepCover Secure Authenticator Demonstration Kit
DS28C36 MAXIM-DS28C36_V01 Datasheet
313Kb / 7P
DeepCover Secure Authenticator
19-8564; Rev 3; 12/20
DS28E16 MAXIM-DS28E16_V01 Datasheet
413Kb / 15P
1-Wire Secure SHA-3 Authenticator
19-100438; Rev 2; 1/20
DS28E36 MAXIM-DS28E36_V01 Datasheet
447Kb / 17P
DeepCover Secure Authenticator
19-100170; Rev 3; 3/20
logo
NXP Semiconductors
A5000 NXP-A5000 Datasheet
377Kb / 26P
Edge Lock Secure Authenticator
Rev. 1.0 ??28 March 2022
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com