Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACK3010 Datasheet (PDF) - Infinite Electronics International, Inc.

ACK3010 Datasheet PDF - Infinite Electronics International, Inc.
Part # ACK3010
Download  ACK3010 Download
File Size   50.38 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 1.6/5.6 JACK TO 3 POLE IDC

ACK3010 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACK3010 Datasheet PDF - Infinite Electronics International, Inc.

Part # ACK3010
Download  ACK3010 Click to download

File Size   50.38 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 1.6/5.6 JACK TO 3 POLE IDC

ACK3010 Datasheet (HTML) - Infinite Electronics International, Inc.


ACK3010 Product details

SPECIFICATIONS;
MATERIALS;
BODY: BRASS
INNER CONTACT: PHOSPHORUS BRONZE
INSULATOR: PTFE
OUTER SLEEVE & BASE MOLDING: NORYL BLACK
IDC MOLDING: POLYESTER WHITE
FINISH;
BODY: NICKEL PLATE
CONTACT: GOLD PLATE
IDC CONTACTS: SILVER PLATE
ELECTRICAL;
CHARACTERISTIC IMPEDANCE: 75 OHM UNBALANCED
COAXIAL TO 120 OHM BALANCED TWISTED PAIR
ENVIRONMENTAL;
OPERATING TEMPERATURE RANGE: -30°C TO 75°C
APPLICATION NOTES:
0.015" TO 0.026" CONDUCTOR DIAMETER, INSULATION
DIAMETER 0.028" TO 0.56"




Similar Part No. - ACK3010

ManufacturerPart #DatasheetDescription
logo
Mersen
ACK30 MERSEN-ACK30 Datasheet
383Kb / 2P
Forklift Truck Fuses
ACK300 MERSEN-ACK300 Datasheet
383Kb / 2P
Forklift Truck Fuses
More results


Similar Description - ACK3010

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393680-2 MACOM-2-1393680-2 Datasheet
133Kb / 1P
Cable jack 1.6/5.6 (75 ohm)
2-1393680-4 MACOM-2-1393680-4 Datasheet
133Kb / 1P
Cable jack 1.6/5.6 (75 ohm)
2-1393680-5 MACOM-2-1393680-5 Datasheet
133Kb / 1P
Cable jack 1.6/5.6 (75 ohm)
logo
Pasternack Enterprises,...
PE36111 PASTERNACK-PE36111 Datasheet
113Kb / 1P
CABLE ASSEMBLY, RG179B/U,1.6/5.6 PLUG TO 1.6/5.6 PLUG
logo
Rosenberger Hochfrequen...
88K171-K00L5 ROSENBERGER-88K171-K00L5 Datasheet
40Kb / 2P
Adaptor 1.6/5.6 III JACK ??BNC 75 ??JACK
78S301-K00L5 ROSENBERGER-78S301-K00L5 Datasheet
42Kb / 2P
Adaptor 1.6/5.6 PLUG ??JACK - PLUG
78K104-400L5 ROSENBERGER-78K104-400L5 Datasheet
42Kb / 2P
1.6/5.6 STRAIGHT JACK PCB
78K02-K00L5 ROSENBERGER-78K02-K00L5 Datasheet
38Kb / 2P
Adaptor 1.6/5.6 JACK - JACK
71S188-K00L5 ROSENBERGER-71S188-K00L5 Datasheet
43Kb / 2P
Adaptor BNC 75 plug ??1.6/5.6 jack
78K102-K00L5 ROSENBERGER-78K102-K00L5 Datasheet
38Kb / 2P
ADAPTOR 1.6/5.6 JACK - JACK
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com