Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B9312 Datasheet (PDF) - EPCOS

B9312 Datasheet PDF - EPCOS
Part # B9312
Download  B9312 Download
File Size   174.4 Kbytes
Page   12 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Tx 2in1 Filter 836.5 / 1880.0 MHz

B9312 Datasheet (PDF)

Go To PDF Page Download Datasheet
B9312 Datasheet PDF - EPCOS

Part # B9312
Download  B9312 Click to download

File Size   174.4 Kbytes
Page   12 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Tx 2in1 Filter 836.5 / 1880.0 MHz

B9312 Datasheet (HTML) - EPCOS




Similar Part No. - B9312

ManufacturerPart #DatasheetDescription
logo
EPCOS
B9310 EPCOS-B9310 Datasheet
139Kb / 10P
SAW Rx 2in1 filter 881.5 / 1960.0 MHz
B9318 EPCOS-B9318 Datasheet
133Kb / 12P
SAW Rx 2in1 filter
More results


Similar Description - B9312

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
855729 TRIQUINT-855729 Datasheet
394Kb / 5P
836.5 MHz SAW Filter
855821 TRIQUINT-855821 Datasheet
381Kb / 5P
836.5 MHz SAW Filter
logo
EPCOS
B9425 EPCOS-B9425 Datasheet
86Kb / 7P
SAW Tx filter 836.5 MHz
B9426 EPCOS-B9426 Datasheet
102Kb / 8P
SAW Tx filter 836.5 MHz
logo
Integrated Technology F...
T83651B ITF-T83651B Datasheet
159Kb / 2P
836.5 MHz SAW Filter
Rev 1.0 2013. 03. 29
logo
TriQuint Semiconductor
855821 TRIQUINT-855821_15 Datasheet
558Kb / 5P
836.5 MHz SAW Filter
856704 TRIQUINT-856704_15 Datasheet
331Kb / 6P
836.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1415A TAI-SAW-TA1415A Datasheet
253Kb / 7P
SAW Filter 836.5 MHz
TA1652A TAI-SAW-TA1652A Datasheet
152Kb / 6P
SAW Filter 836.5 MHz
TA1692C TAI-SAW-TA1692C Datasheet
505Kb / 9P
SAW Filter 836.5 MHz
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com