Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA5284 Datasheet (PDF) - NXP Semiconductors

SAA5284 Datasheet PDF - NXP Semiconductors
Part # SAA5284
Download  SAA5284 Download
File Size   159.85 Kbytes
Page   24 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Multimedia video data acquisition circuit

SAA5284 Datasheet (PDF)

Go To PDF Page Download Datasheet
SAA5284 Datasheet PDF - NXP Semiconductors

Part # SAA5284
Download  SAA5284 Click to download

File Size   159.85 Kbytes
Page   24 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Multimedia video data acquisition circuit

SAA5284 Datasheet (HTML) - NXP Semiconductors


SAA5284 Product details

GENERAL DESCRIPTION
The SAA5284 is a Vertical Blanking Interval (VBI) and Full Field (FF) video data acquisition device tailored for application on PC add-in cards, PC mother-boards, set-top boxes and as a SAA5250 replacement. The IC in combination with a range of software modules will acquire most existing formats of broadcast VBI and FF data.

FEATURES
• High performance multi-standard data slicer
• Intercast™ (Intel Corporation) compatible
• Teletext (WST, Chinese teletext) (625 lines)
• Teletext (US teletext, NABTS and MOJI) (525 lines)
• Wide Screen Signalling (WSS), Video Programming Signal (VPS)
• Closed Caption (Europe, US)
• Data broadcast, PDC (packet 30 and 31)
• User programmable data format (programmable framing code)
• 2 kbytes data cache on-chip to avoid data loss and reduce host CPU overhead
• Filtering of packets 30 and 31 WST/NABTS
• Choice of clock frequencies, direct-in clock or crystal oscillator
• Parallel interface, Motorola, Intel and digital video bus
• I2C-bus control
• Data transport by digital video bus
• Choice of programmable interrupt, DMA or polling driven
• Data type selectable video line by video line, with Vertical Blanking Interval and Full Field mode
• Single IC with few external components and small footprint QFP44 package
• Optimized for EMC.




Similar Part No. - SAA5284

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA5281 PHILIPS-SAA5281 Datasheet
1Mb / 48P
Integrated Video input processor and Teletext decoder IVT1.8
1996 Nov 04
SAA5281GP PHILIPS-SAA5281GP Datasheet
1Mb / 48P
Integrated Video input processor and Teletext decoder IVT1.8
1996 Nov 04
SAA5281P PHILIPS-SAA5281P Datasheet
1Mb / 48P
Integrated Video input processor and Teletext decoder IVT1.8
1996 Nov 04
SAA5281ZP PHILIPS-SAA5281ZP Datasheet
1Mb / 48P
Integrated Video input processor and Teletext decoder IVT1.8
1996 Nov 04
SAA5288 PHILIPS-SAA5288 Datasheet
508Kb / 48P
TV microcontroller with full screen On Screen Display OSD
1997 Jun 24
More results


Similar Description - SAA5284

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ADC0801 INTERSIL-ADC0801 Datasheet
6Mb / 180P
Data Acquisition
logo
National Instruments Co...
NIPCI-4351 NI-NIPCI-4351 Datasheet
649Kb / 6P
High-Precision Data Acquisition
logo
Semtech Corporation
XE8801A SEMTECH-XE8801A Datasheet
1Mb / 135P
Data Acquisition with ZoomingADC?
XE8805 SEMTECH-XE8805 Datasheet
1Mb / 156P
Data Acquisition MCU
Rev 1 January 2006
logo
Keysight Technologies
34901A KEYSIGHT-34901A Datasheet
4Mb / 28P
Data Acquisition/Switch Unit Family
34904A KEYSIGHT-34904A Datasheet
4Mb / 28P
Data Acquisition/Switch Unit Family
34907A KEYSIGHT-34907A Datasheet
4Mb / 28P
Data Acquisition/Switch Unit Family
logo
Maxim Integrated Produc...
MAX44000EVSYS MAXIM-MAX44000EVSYS Datasheet
2Mb / 25P
Continuous Data Acquisition
Rev 0; 11/11
logo
Pico Technology Ltd.
1000_SER PICO-1000_SER Datasheet
2Mb / 2P
Multi-channel data acquisition
2013 - 2014
1000 PICO-1000 Datasheet
1Mb / 8P
Multipurpose data acquisition
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com