Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B9410 Datasheet (PDF) - EPCOS

B9410 Datasheet PDF - EPCOS
Part # B9410
Download  B9410 Download
File Size   102.49 Kbytes
Page   8 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW filter 2441.75 MHz

B9410 Datasheet (PDF)

Go To PDF Page Download Datasheet
B9410 Datasheet PDF - EPCOS

Part # B9410
Download  B9410 Click to download

File Size   102.49 Kbytes
Page   8 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW filter 2441.75 MHz

B9410 Datasheet (HTML) - EPCOS


B9410 Product details

Features
■ Package size 1.4 x1.1 x 0.4 mm3
■ Package code QCS5F
■ RoHS compatible
■ Approximate weight 0.003 g
■ Package for Surface Mount Technology (SMT)
■ Ni, gold-plated terminals
■ Electrostatic Sensitive Device (ESD)

Application
■ Low-loss RF filter for mobile telephone bluetooth systems
■ Impedance transformation from 50 Ω to 150 Ω
■ Unbalanced to balanced operation
■ Very low insertion attenuation
■ Low amplitude ripple
■ Usable passband 83.5 MHz




Similar Part No. - B9410

ManufacturerPart #DatasheetDescription
logo
EPCOS
B9410 EPCOS-B9410 Datasheet
80Kb / 8P
SAW filter for mobile communications
B9410 EPCOS-B9410_1 Datasheet
80Kb / 8P
SAW filter for mobile communications
More results


Similar Description - B9410

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856166 TRIQUINT-856166 Datasheet
434Kb / 5P
2441.75 MHz SAW Filter
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
logo
EPCOS
B3773 EPCOS-B3773 Datasheet
74Kb / 9P
SAW filter 868.95 MHz
B7742 EPCOS-B7742 Datasheet
217Kb / 16P
SAW GPS Extractor Filter 1575.42 / 859.0 / 1810.0 / 1920.0 / 2441.75 MHz
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
240 MHz SAW Filter 240 MHz SAW Filter
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TA1834C TAI-SAW-TA1834C Datasheet
533Kb / 8P
SAW Filter 2441.75 MHz SMD 1.4x1.1 mm (BW=83.5 MHz)
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com