Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3807 Datasheet (PDF) - RF Micro Devices

RF3807 Datasheet PDF - RF Micro Devices
Part # RF3807
Download  RF3807 Download
File Size   1234.75 Kbytes
Page   18 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description GaAs HBT PRE-DRIVER AMPLIFIER

RF3807 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF3807 Datasheet PDF - RF Micro Devices

Part # RF3807
Download  RF3807 Click to download

File Size   1234.75 Kbytes
Page   18 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description GaAs HBT PRE-DRIVER AMPLIFIER

RF3807 Datasheet (HTML) - RF Micro Devices


RF3807 Product details

Product Description
The RF3807 is a GaAs pre-driver power amplifier, specifically designed for wireless infrastructure applications. Using a highly reliable GaAs HBT fabrication process, this high-performance single-stage amplifier achieves high output power over a broad frequency range. The RF3807 also provides excellent efficiency and thermal stability through the use of a thermally-enhanced surface-mount plastic-slug package. Ease of integration is accomplished through the incorporation of an optimized evaluation board design provided to achieve proper 50Ω operation. Various evaluation boards are available to address a broad range of wireless infrastructure applications: NMT 450MHz, GSM850, GSM900, DCS1800, PCS1900, and UMTS2100.

Features
■ Output Power>0.5W P1dB
■ High Linearity
■ High Power-Added Efficiency
■ Thermally-Enhanced Packaging
■ Broadband Platform Design Approach, 450MHz to 2700MHz

Applications
■ GaAs Pre-Driver for Basestation Amplifiers
■ PA Stage for Commercial Wireless Infrastructure
■ Class AB Operation for NMT, GSM, DCS, PCS, UMTS, and WLAN Transceiver Applications
■ 2nd/3rd Stage LNA for Wireless Infrastructure




Similar Part No. - RF3807

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3807 RFMD-RF3807 Datasheet
781Kb / 20P
GaAs HBT PRE-DRIVER AMPLIFIER
RF3807PCK-410 RFMD-RF3807PCK-410 Datasheet
781Kb / 20P
GaAs HBT PRE-DRIVER AMPLIFIER
RF3807PCK-411 RFMD-RF3807PCK-411 Datasheet
781Kb / 20P
GaAs HBT PRE-DRIVER AMPLIFIER
RF3807PCK-412 RFMD-RF3807PCK-412 Datasheet
781Kb / 20P
GaAs HBT PRE-DRIVER AMPLIFIER
RF3807PCK-413 RFMD-RF3807PCK-413 Datasheet
781Kb / 20P
GaAs HBT PRE-DRIVER AMPLIFIER
More results


Similar Description - RF3807

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3800 RFMD-RF3800 Datasheet
59Kb / 2P
GaAs HBT PRE-DRIVER AMPLIFIER
RF3802 RFMD-RF3802 Datasheet
62Kb / 2P
GaAs HBT PRE-DRIVER AMPLIFIER
RF3805 RFMD-RF3805 Datasheet
62Kb / 2P
GaAs HBT PRE-DRIVER AMPLIFIER
RF3800 RFMD-RF3800_07 Datasheet
1Mb / 12P
GaAs HBT PRE-DRIVER AMPLIFIER
RF3802 RFMD-RF3802_06 Datasheet
1Mb / 12P
GaAs HBT PRE-DRIVER AMPLIFIER
RF3806 RFMD-RF3806 Datasheet
557Kb / 18P
GaAs HBT PRE-DRIVER AMPLIFIER
RF3809 RFMD-RF3809 Datasheet
1Mb / 18P
GaAs HBT PRE-DRIVER AMPLIFIER
RF3802 RFMD-RF3802_1 Datasheet
1Mb / 12P
GaAs HBT PRE-DRIVER AMPLIFIER
RF3809 RFMD-RF3809_1 Datasheet
809Kb / 22P
GaAs HBT PRE-DRIVER AMPLIFIER
RF3807 RFMD-RF3807_1 Datasheet
781Kb / 20P
GaAs HBT PRE-DRIVER AMPLIFIER
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com