Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3865 Datasheet (PDF) - RF Micro Devices

RF3865 Datasheet PDF - RF Micro Devices
Part # RF3865
Download  RF3865 Download
File Size   151.51 Kbytes
Page   6 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description WIDE BANDWIDTH, HIGH LINEARITY LOW NOISE AMPLIFIER/LINEAR DRIVER

RF3865 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF3865 Datasheet PDF - RF Micro Devices

Part # RF3865
Download  RF3865 Click to download

File Size   151.51 Kbytes
Page   6 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description WIDE BANDWIDTH, HIGH LINEARITY LOW NOISE AMPLIFIER/LINEAR DRIVER

RF3865 Datasheet (HTML) - RF Micro Devices


RF3865 Product details

Product Description
The RF3865 is a low noise amplifier with a high output IP3. The amplifier is self-biased from a single voltage supply with 50Ω input and output ports. The useful frequency range is from 700MHz to 3800MHz. A 1dB noise figure and 36dBm OIP3 performance is achieved with a 5V VDD, 180mA. Current can be increased to raise OIP3 while having minimal effect on noise figure. The IC is featured in a standard QFN, 20-pin, 5mmx5mm package.

Features
■ Low Noise and High Intercept Point
■ Adjustable Bias Current
■ Single 2.5V to 6.0V Power Supply
■ 700MHz to 3800MHz Operation
■ QFN20, 5mmx5mm Package

Applications
■ WiMAX LNA or Linear Driver
■ CDMA, PCS, ECS, UMTS LNA
■ WLAN LNA
■ High Gain Linear Amplification




Similar Part No. - RF3865

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3861 RFMD-RF3861 Datasheet
146Kb / 6P
WIDE BANDWIDTH, HIGH LINEARITY LOW NOISE AMPLIFIER
RF3861PCK-410 RFMD-RF3861PCK-410 Datasheet
146Kb / 6P
WIDE BANDWIDTH, HIGH LINEARITY LOW NOISE AMPLIFIER
RF3861PCK-411 RFMD-RF3861PCK-411 Datasheet
146Kb / 6P
WIDE BANDWIDTH, HIGH LINEARITY LOW NOISE AMPLIFIER
RF3861PCK-412 RFMD-RF3861PCK-412 Datasheet
146Kb / 6P
WIDE BANDWIDTH, HIGH LINEARITY LOW NOISE AMPLIFIER
RF3863 RFMD-RF3863 Datasheet
118Kb / 6P
WIDE BANDWIDTH, HIGH LINEARITY LOW NOISE AMPLIFIER
More results


Similar Description - RF3865

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2442 RFMD-RF2442 Datasheet
176Kb / 10P
HIGH-LINEARITY LOW NOISE AMPLIFIER
RF3866 RFMD-RF3866 Datasheet
150Kb / 6P
WIDE BANDWIDTH, HIGH LINEARITY LOW NOISE AMPLIFIER/LINEAR DRIVER
RF3867 RFMD-RF3867 Datasheet
164Kb / 8P
DUAL-CHANNEL, WIDE BANDWIDTH, HIGH LINEARITY LOW NOISE AMPLIFIER
RF3863 RFMD-RF3863 Datasheet
118Kb / 6P
WIDE BANDWIDTH, HIGH LINEARITY LOW NOISE AMPLIFIER
RF3861 RFMD-RF3861 Datasheet
146Kb / 6P
WIDE BANDWIDTH, HIGH LINEARITY LOW NOISE AMPLIFIER
logo
Infineon Technologies A...
BFR380F INFINEON-BFR380F_13 Datasheet
652Kb / 10P
High linearity low noise driver amplifier
2013-11-06
logo
RF Micro Devices
RF2442 RFMD-RF2442_15 Datasheet
912Kb / 11P
HIGH-LINEARITY LOW NOISE AMPLIFIER
logo
Broadcom Corporation.
MGA-636P8 BOARDCOM-MGA-636P8 Datasheet
585Kb / 14P
High Linearity Low Noise Amplifier
logo
NXP Semiconductors
BGU8051 NXP-BGU8051 Datasheet
222Kb / 16P
Low noise high linearity amplifier
Rev. 7-8 June 2017
BGU8062 NXP-BGU8062 Datasheet
270Kb / 18P
low-noise high-linearity amplifier
Rev. 2-24 January 2017
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com