Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5111 Datasheet (PDF) - RF Micro Devices

RF5111 Datasheet PDF - RF Micro Devices
Part # RF5111
Download  RF5111 Download
File Size   171.0 Kbytes
Page   14 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 3V DCS POWER AMPLIFIER

RF5111 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF5111 Datasheet PDF - RF Micro Devices

Part # RF5111
Download  RF5111 Click to download

File Size   171.0 Kbytes
Page   14 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 3V DCS POWER AMPLIFIER

RF5111 Datasheet (HTML) - RF Micro Devices


RF5111 Product details

Product Description

The RF5111 is a high-power, high-efficiency power amplifier module offering high performance in GSM or GPRS applications. The device is manufactured on an advanced GaAs HBT process, and has been designed for use as the final RF amplifier in DCS1800/1900 handheld digital cellular equipment and other applications in the 1700MHz to 2000MHz band. On-board power control provides over 65dB of control range with an analog voltage input, and provides power down with a logic “low” for standby operation. The device is self-contained with 50Ω input and the output can be easily matched to obtain optimum power and efficiency characteristics. The RF5111 can be used together with the RF5110 for dual-band operation. The device is packaged in an ultra-small plastic package, minimizing the required board space.



Features

„ Single 2.7V to 4.8V Supply Voltage

„ +33dBm Output Power at 3.5V

„ 27dB Gain with Analog Gain Control

„ 50% Efficiency

„ 1700MHz to 1950MHz Operation

„ Supports DCS1800 and PCS1900



Applications

„ 3V DCS1800 (PCN) Cellular Handsets

„ 3V DCS1900 (PCS) Cellular Handsets

„ 3V Dual-Band/Triple-Band Hand sets

„ Commercial and Consumer Systems

„ Portable Battery-Powered Equipment

„ GPRS Compatible




Similar Part No. - RF5111

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5111 RFMD-RF5111 Datasheet
311Kb / 14P
3V DCS POWER AMPLIFIER
RF5111PCBA-41X RFMD-RF5111PCBA-41X Datasheet
311Kb / 14P
3V DCS POWER AMPLIFIER
RF5111 RFMD-RF5111_1 Datasheet
311Kb / 14P
3V DCS POWER AMPLIFIER
RF5111 RFMD-RF5111_15 Datasheet
918Kb / 14P
DCS POWER AMPLIFIER
More results


Similar Description - RF5111

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2140 RFMD-RF2140 Datasheet
176Kb / 12P
3V DCS POWER AMPLIFIER
RF2174 RFMD-RF2174 Datasheet
129Kb / 12P
3V DCS POWER AMPLIFIER
logo
TriQuint Semiconductor
TQM7M4012 TRIQUINT-TQM7M4012 Datasheet
538Kb / 12P
3V QUAD - BRAND GSM850/900 DCS/PCS POWER AMPLIFIER MODULE
logo
RF Micro Devices
RF2174 RFMD-RF2174_06 Datasheet
163Kb / 16P
3V DCS POWER AMPLIFIER
RF5111 RFMD-RF5111_1 Datasheet
311Kb / 14P
3V DCS POWER AMPLIFIER
RF2174 RFMD-RF2174_1 Datasheet
321Kb / 16P
3V DCS POWER AMPLIFIER
logo
TriQuint Semiconductor
TQM7M4007 TRIQUINT-TQM7M4007_15 Datasheet
91Kb / 1P
3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
TQM7M5012H TRIQUINT-TQM7M5012H_15 Datasheet
107Kb / 1P
3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
TQM7M5022 TRIQUINT-TQM7M5022_15 Datasheet
59Kb / 1P
3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
logo
RF Micro Devices
RF2174 RFMD-RF2174_15 Datasheet
817Kb / 14P
3V DCS POWER AMPLIFIER
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com