Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDR623 Datasheet (PDF) - Solid States Devices, Inc

SDR623 Datasheet PDF - Solid States Devices, Inc
Part # SDR623
Download  SDR623 Download
File Size   53.14 Kbytes
Page   2 Pages
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc
Description 20A 35nsec 300-600 V Hyper Fast Rectifier

SDR623 Datasheet (PDF)

Go To PDF Page Download Datasheet
SDR623 Datasheet PDF - Solid States Devices, Inc

Part # SDR623
Download  SDR623 Click to download

File Size   53.14 Kbytes
Page   2 Pages
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc
Description 20A 35nsec 300-600 V Hyper Fast Rectifier

SDR623 Datasheet (HTML) - Solid States Devices, Inc


SDR623 Product details

Features:
• Hyper Fast Recovery: 35nsec Maximum 3/
• High Surge Rating
• Low Reverse Leakage Current
• Low Junction Capacitance
• Hermetically Sealed Package
• Gold Eutectic Die Attach
• Ultrasonic Aluminum Wire Bonds
• TX, TXV, and S-Level Screening Available 2/




Similar Part No. - SDR623

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDR623 ETC-SDR623 Datasheet
80Kb / 2P
ULTRA FAST RECOVERY RECTIFIER
logo
Solid States Devices, I...
SDR623-59 SSDI-SDR623-59 Datasheet
65Kb / 2P
Hyper Fast Rectifier
SDR623CAP6 SSDI-SDR623CAP6 Datasheet
229Kb / 2P
40 AMPS 300-500 VOLTS 35 nsec COMMON ANODE & CATHODE HYPERFAST CENTERTAP RECTIFIER
SDR623CT SSDI-SDR623CT Datasheet
229Kb / 2P
40 AMPS 300-500 VOLTS 35 nsec COMMON ANODE & CATHODE HYPERFAST CENTERTAP RECTIFIER
SDR623CT-3 SSDI-SDR623CT-3 Datasheet
55Kb / 2P
40A 35nsec 300-600 V Hyper Fast Centertap Rectifier
More results


Similar Description - SDR623

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR620J SSDI-SDR620J Datasheet
229Kb / 2P
20A, 35nsec, 100-200 V Hyper Fast Rectifier
SDR3006HF SSDI-SDR3006HF Datasheet
166Kb / 2P
30A 35nsec 400 to 600 V Hyper Fast Rectifier
SHA2952TX SSDI-SHA2952TX Datasheet
134Kb / 2P
20A 35nsec 400 V Hyper Fast Positive Centertap Rectifier
SDR953M SSDI-SDR953M Datasheet
83Kb / 2P
50A, 35nsec, 300-600 V Hyper Fast Rectifier
SDR623CTM SSDI-SDR623CTM Datasheet
80Kb / 2P
40A 35nsec 300-600 V Hyper Fast Centertap Rectifier
SDR623CTJ SSDI-SDR623CTJ Datasheet
61Kb / 2P
40A 35nsec 300-600 V Hyper Fast Centertap Rectifier
SDR623G SSDI-SDR623G Datasheet
47Kb / 2P
20A 35nsec 300-600 V Hyper Fast Rectifier
SDR623CTS1 SSDI-SDR623CTS1 Datasheet
48Kb / 2P
40A 35nsec 300-600 V Hyper Fast Centertap Rectifier
SDR623CT-3 SSDI-SDR623CT-3 Datasheet
55Kb / 2P
40A 35nsec 300-600 V Hyper Fast Centertap Rectifier
SDR623CTC SSDI-SDR623CTC Datasheet
54Kb / 2P
40A 35nsec 300-600 V Hyper Fast Centertap Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com