Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

120SN2 Datasheet (PDF) - Infinite Electronics International, Inc.

120SN2 Datasheet PDF - Infinite Electronics International, Inc.
Part # 120SN2
Download  120SN2 Download
File Size   475.91 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description AC Power Strip, 6 Outlets, SASD Protected, UL1449/R56, 12’ Cord

120SN2 Datasheet (PDF)

Go To PDF Page Download Datasheet
120SN2 Datasheet PDF - Infinite Electronics International, Inc.

Part # 120SN2
Download  120SN2 Click to download

File Size   475.91 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description AC Power Strip, 6 Outlets, SASD Protected, UL1449/R56, 12’ Cord

120SN2 Datasheet (HTML) - Infinite Electronics International, Inc.


120SN2 Product details

Features
• 100% SASD Protection
• Lowest Voltage Protection Rating in the Industry
• 6 Protected NEMA 5-15 Outlets
• Power Switch with LED and Resettable Breaker
• Surge Protection Status LED
• Dual Ground Studs
• 12’ Supply Cord
• Versatile Mounting Options

Applications
• Emergency Dispatch Centers
• Communications Base Stations
• IT & Data Centers
• Office Environments
• Industrial Automation
• Hospitals
• Schools

Description
AC surge protector (also known as SPD or lightning protector) ACPS-6N-120SN2-LC from L-com is a strip style SPD that utilizes state
of the art SASD technology to protect critical equipment that operates on a 120 Vac Single-Phase electrical service. This surge protector provides effective protection against electrical transient surges that are generated both by external lightning events and by internal
switching events and supports long-term system reliability by safely shunting high amounts of transient energy while maintaining a very
low clamping voltage. L-com AC surge protectors are available in stock with same day shipping.




Similar Part No. - 120SN2

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
120SN8 L-COM-120SN8 Datasheet
475Kb / 3P
AC Power Strip, 6 Outlets, SASD Protected, UL1449/R56, 8’ Cord
REV 1.0
More results


Similar Description - 120SN2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RS-1215-RA ETC2-RS-1215-RA Datasheet
471Kb / 4P
1U Rackmount Power Strip with 12 Right-Angle Outlets and 15-ft. Cord
RS-0615-F ETC2-RS-0615-F Datasheet
474Kb / 4P
1U Rackmount Power Strip with 6 Front-Facing Outlets and 15-ft. Cord
RS-0615-R ETC2-RS-0615-R Datasheet
474Kb / 4P
1U Rackmount Power Strip with 6 Rear-Facing Outlets and 15-ft. Cord
TLM626NS ETC2-TLM626NS Datasheet
483Kb / 4P
Power It! Safety Power Strip with 6 Outlets and 6-ft. Cord
TLM609NS ETC2-TLM609NS Datasheet
483Kb / 4P
Power It! Safety Power Strip with 6 Outlets, 9-ft. Cord and Integrated Cord Wrap
TLM812GF ETC2-TLM812GF Datasheet
501Kb / 4P
Power It! Safety Power Strip with 8 Outlets and 12-ft. Cord with GFCI Plug
logo
Tripp Lite. All Rights ...
PS610HGUK TRIPPLITE-PS610HGUK Datasheet
161Kb / 3P
UK BS-1363 Medical-Grade Power Strip with 6 UK Outlets, 3m Cord
logo
PHOENIX CONTACT
1720262 PHOENIX-1720262 Datasheet
93Kb / 4P
Pin strip - PST 1,0/ 6-3,5 R56
logo
TP-Link Technologies Co...
HS300 TP-LINK-HS300 Datasheet
2Mb / 5P
Kasa Smart Wi-Fi Power Strip, 6-Outlets
logo
Tripp Lite. All Rights ...
PS6B18 TRIPPLITE-PS6B18 Datasheet
160Kb / 3P
6-Outlet Power Strip - British BS1363A Outlets, 220-250V AC, 13A, 1.8 m Cord, BS1363A Plug, White
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com